Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 34 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D4BFP-80 Datasheet(HTML) 34 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
34
Min.
Max.
5
2
5
2
AC CHARACTERISTICS
TIMING REQUIREMENTS (VCC = 3.3 ± 0.3 V, CL = 50 pF, TOPR = 0 to 70 °C unless otherwise noted)
Limits
Symbol
Parameter
Min.
Input rise transition time
Input fall transition time
Test conditions
CMOS input
____
RST pin
CMOS input
____
RST pin
(1) Input transition time
tr(INPUT)
tf(INPUT)
Unit
ns
ms
ns
ms
Reference
number
1
2
Limits
Symbol
Parameter
Clock input cycle time
External clock input "H" pulse width
External clock input "L" pulse width
External clock input rising time
External clock input falling time
Reset input "L" pulse width
Wakeup input "L" pulse width
(2) Clock, reset and wakeup timing
tc(CLKIN)
tw(CLKINH)
tw(CLKINL)
tr(CLKIN)
tf(CLKIN)
tw(RST)
tw(WKUP)
Max.
80
5
5
Unit
ns
ns
ns
ns
ns
ms
ms
Reference
number
50
1/4CLKIN
1/4CLKIN
2
2
5
6
7
8
9
10
11
Limits
Symbol
Parameter
Min.
Data input set-up time before CLKIN
Data input hold time after CLKIN
__
DC input "H" set-up time before CLKIN
__
DC input "H" hold time after CLKIN
__
DC input "L" set-up time before CLKIN
__
DC input "L" hold time after CLKIN
Test conditions
(3) Read and write timing
Max.
Unit
ns
ns
ns
ns
ns
ns
Reference
number
5
2
5
2
5
2
30
31
36
37
38
39
tsu(D-CLKIN)
th(CLKIN-D)
tsu(DCH-CLKIN)
th(CLKIN-DCH)
tsu(DCL-CLKIN)
th(CLKIN-DCL)
Test conditions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn