Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 33 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32000D4BFP-80 Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M32000D4BFP-80 Datenblatt HTML 29Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 30Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 31Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 32Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 34Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 35Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 36Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
33
IOH = –2 mA
IOL = 2 mA
VO = 0 to VCC
VIH = 0 to VCC +0.3 V
VIH = 0 to VCC +0.3 V
Average in normal operation
mode VCC = 3.3 V (see note 1)
Average in CPU sleep mode
VCC = 3.3 V
Average in standby mode
VCC = 3.3 V (see note 2)
All pins
"H" output voltage
"L" output voltage
Output current in off state
"H" input current
"L" input current
Power source current
Pin capacitance
VOH
VOL
IOZ
IIH
IIL
ICC
C
DC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (VCC = 3.3 V ± 0.3 V, TOPR = 0 to 70 °C unless otherwise noted)
Ratings
Max.
0.4
10.0
10.0
–10.0
260
205
2000
15
V
V
µA
µA
µA
mA
mA
µA
pF
Symbol
Parameter
Unit
Min.
2.4
–10.0
Test conditions
Typ.
165
120
Note 1:all pin outputs are in no-load condition.
2:TOPR = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn