Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA-5063Z Fiches technique(PDF) 3 Page - RF Micro Devices

No de pièce STA-5063Z
Description  3.3GHz to 6.2GHz GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

STA-5063Z Fiches technique(HTML) 3 Page - RF Micro Devices

  STA-5063Z Datasheet HTML 1Page - RF Micro Devices STA-5063Z Datasheet HTML 2Page - RF Micro Devices STA-5063Z Datasheet HTML 3Page - RF Micro Devices STA-5063Z Datasheet HTML 4Page - RF Micro Devices STA-5063Z Datasheet HTML 5Page - RF Micro Devices STA-5063Z Datasheet HTML 6Page - RF Micro Devices STA-5063Z Datasheet HTML 7Page - RF Micro Devices STA-5063Z Datasheet HTML 8Page - RF Micro Devices STA-5063Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
DS110205
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
STA-5063Z
5.1GHz to 5.9GHz Evaluation Board Data (VCC=VBIAS=3.3V, Iq=52mA)
OIP3 vs Freq vs Temp at Vs=3.3V,
Pout=-7.5dBm/tone
25
26
27
28
29
30
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
Freq(GHz)
T=-40C
T=25C
T=85C
Noise Figure vs Freq at Vs=3.3V
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
Freq(GHz)
T=-40C
T=25C
T=85C
Wide Band Gain and Return Loss vs
Freq at Vs=3.3V, Tbp=25C
-25
-20
-15
-10
-5
0
5
10
15
20
012345
6
789
10
Freq(GHz)
IN RL
OUT RL
GAIN
Gain vs Freq vs Vcc at T=25C
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
Freq(GHz)
Vcc=3.0V
Vcc=3.3V
Vcc=3.6V
Gain vs Freq vs Temp at Vs=3.3V
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Freq(GHz)
T=-40C
T=25C
T=85C
Iq vs Vsupply (Vcc)
0
10
20
30
40
50
60
70
80
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
Vcc(V)
T=-40C
T=25C
T=85C


Numéro de pièce similaire - STA-5063Z

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
More results

Description similaire - STA-5063Z

FabricantNo de pièceFiches techniqueDescription
logo
RF Micro Devices
STA-5063-Z RFMD-STA-5063-Z Datasheet
585Kb / 10P
   GENERAL PURPOSE 3.3V 15dBm AMPLIFIER
logo
SIRENZA MICRODEVICES
STA-5063Z SIRENZA-STA-5063Z Datasheet
147Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
STA-5063 SIRENZA-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
List of Unclassifed Man...
STA-5063 ETC1-STA-5063 Datasheet
206Kb / 8P
   3.3 - 6.2 GHz General Purpose 3.3V 15dBm Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
SZM-3166Z RFMD-SZM-3166Z Datasheet
331Kb / 12P
   3.3GHz to 3.6GHz 2W POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
RF Micro Devices
RF5603 RFMD-RF5603 Datasheet
2Mb / 24P
   3.0V TO 5.0V, 3.3GHz TO 3.8GHz LINEAR POWER AMPLIFIER
logo
Transcom, Inc.
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com