Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70C Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce BAV70C
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAV70C Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  BAV70C_15 Datasheet HTML 1Page - KEC(Korea Electronics) BAV70C_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2015. 5. 12
1/2
SEMICONDUCTOR
TECHNICAL DATA
BAV70C
SILICON EPITAXIAL PLANAR DIODE
Revision No : 0
ULTRA HIGH SPEED SWITCHING APPLICATION
FEATURES
・Small Package : SOT-23(1).
MAXIMUM RATING (Ta=25
℃)
1. ANODE 1
2. ANODE 2
3. CATHODE
2
1
3
DIM
MILLIMETERS
SOT-23(1)
A
B
C
D
E
2.90 0.1
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G1.90
J
K
L
M
N
0.10
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
Lot No.
H7C
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=100uA
80
-
-
V
Forward Voltage
VF(1)
IF=1mA
-
0.59
0.65
V
VF(2)
IF=10mA
-
0.72
0.8
VF(3)
IF=100mA
-
-
1.0
Reverse Current
IR
VR=80V
-
-
1
μA
Total Capacitance
CT
VR=0, f=1MHz
-
2
3
pF
* Note1 : Package Mounted On FR-5 Board (25.4
×19.05×1.57mm)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
80
V
Continuous Forward Current
IF
100
mA
Surge Current (10ms)
IFSM
1A
Power Dissipation
PD
225*
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150


Numéro de pièce similaire - BAV70C_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
BAV70C KEC-BAV70C Datasheet
352Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Description similaire - BAV70C_15

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com