Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB2510 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTB2510
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB2510 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTB2510_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB2510_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTB2510_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2008. 4. 21
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB2510
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
HIGH POWER AMPLIFIER
DARLINGTON APPLICATION.
FEATURES
・Complementary to KTD1510
・Recommended for 60W Audio Amplifier Output Stage.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-150
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-10
A
Base Current
IB
-1
A
Collector Power Dissipation (Tc=25
℃)
PC
100
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-160V, IE=0
-
-
-100
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-30mA, IB=0
-150
-
-
V
DC Current Gain
hFE
VCE=-4V, IC=-7A
5000
12000
20000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-7A, IB=-7mA
-
-
-2.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-7A, IB=-7mA
-
-
-3.0
V
Transition Frequency
fT
VCE=-12V, IC=-2A
-
50
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
230
-
pF
EQUIVALENT CIRCUIT


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn