Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7324PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7324PBF
Description  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7324PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7324PBF_15 Datasheet HTML 1Page - International Rectifier IRF7324PBF_15 Datasheet HTML 2Page - International Rectifier IRF7324PBF_15 Datasheet HTML 3Page - International Rectifier IRF7324PBF_15 Datasheet HTML 4Page - International Rectifier IRF7324PBF_15 Datasheet HTML 5Page - International Rectifier IRF7324PBF_15 Datasheet HTML 6Page - International Rectifier IRF7324PBF_15 Datasheet HTML 7Page - International Rectifier IRF7324PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
6/29/04
IRF7324PbF
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Parameter
Max.
Units
VDS
Drain-Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-9.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-7.1
A
IDM
Pulsed Drain Current

-71
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.0
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.3
W
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
VDSS = -20V
RDS(on) = 0.018Ω
New trench HEXFET® PowerMOSFETs fromInternational
Rectifier utilize advanced processing techniques to
achieve extremely low on-resistance per silicon area.
This benefit, combined with the ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in battery and load management
applications.
Trench Technology
Ultra Low On-Resistance
Dual P-Channel MOSFET
Low Profile (<1.1mm)
Available in Tape & Reel
2.5V Rated
Lead-Free
Description
PD - 95460
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
SO-8


Numéro de pièce similaire - IRF7324PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7324PBF-1 IRF-IRF7324PBF-1 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Description similaire - IRF7324PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com