Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6714MPBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRF6714MPBF
Description  Dual Sided Cooling Compatible
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6714MPBF Fiches technique(HTML) 3 Page - International Rectifier

  IRF6714MPBF_15 Datasheet HTML 1Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 2Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 3Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 4Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 5Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 6Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 7Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 8Page - International Rectifier IRF6714MPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6714MPbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient ƒ
ˆ Used double sided cooling , mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
(still air).
‰ Mounted to a PCB with
small clip heatsink (still air)
‰ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
1.3634
0.000202
7.8361
0.096325
19.8534 1.3861
15.9581 51
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τ
A
τ
4
τ
4
R
4
R
4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
™
PD @TA = 70°C
Power Dissipation
™
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
™g
–––
45
RθJA
Junction-to-Ambient
dg
12.5
–––
RθJA
Junction-to-Ambient
eg
20
–––
RθJC
Junction-to-Case
fg
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
™Ã
W/°C
0.022
270
-40 to + 150
Max.
89
2.8
1.8
W
°C
°C/W


Numéro de pièce similaire - IRF6714MPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6714MPBF IRF-IRF6714MPBF_09 Datasheet
261Kb / 9P
   DirectFETPower MOSFET
More results

Description similaire - IRF6714MPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Infineon Technologies A...
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
   Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V50-14.45N INFINEON-V50-14.45N Datasheet
266Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V61-14.80N INFINEON-V61-14.80N Datasheet
132Kb / 2P
   Easy mounting for single sided cooling
2014-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com