Moteur de recherche de fiches techniques de composants électroniques |
|
IRF6620PBF Fiches technique(PDF) 2 Page - International Rectifier |
|
IRF6620PBF Fiches technique(HTML) 2 Page - International Rectifier |
2 / 9 page IRF6620PbF 2 www.irf.com S D G Click on this section to link to the appropriate technical paper. Click on this section to link to the DirectFET Website. Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25°C, L = 0.16mH, RG = 25Ω, IAS = 22A.
Pulse width ≤ 400µs; duty cycle ≤ 2%. Notes: Surface mounted on 1 in. square Cu board. Used double sided cooling, mounting pad. Mounted on minimum footprint full size board with metalized back and with small clip heatsink. TC measured with thermal couple mounted to top (Drain) of part. Rθ is measured at TJ of approximately 90°C. Static @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units BVDSS Drain-to-Source Breakdown Voltage 20 ––– ––– V ∆ΒVDSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 16 ––– mV/°C RDS(on) Static Drain-to-Source On-Resistance ––– 2.1 2.7 m Ω ––– 2.8 3.6 VGS(th) Gate Threshold Voltage 1.55 ––– 2.45 V ∆VGS(th)/∆TJ Gate Threshold Voltage Coefficient ––– -5.8 ––– mV/°C IDSS Drain-to-Source Leakage Current ––– ––– 1.0 µA ––– ––– 150 IGSS Gate-to-Source Forward Leakage ––– ––– 100 nA Gate-to-Source Reverse Leakage ––– ––– -100 gfs Forward Transconductance 110 ––– ––– S Qg Total Gate Charge ––– 28 42 Qgs1 Pre-Vth Gate-to-Source Charge ––– 9.5 ––– Qgs2 Post-Vth Gate-to-Source Charge ––– 3.5 ––– nC Qgd Gate-to-Drain Charge ––– 8.8 ––– Qgodr Gate Charge Overdrive ––– 6.2 ––– See Fig. 15 Qsw Switch Charge (Qgs2 + Qgd) ––– 12 ––– Qoss Output Charge ––– 16 ––– nC td(on) Turn-On Delay Time ––– 18 ––– tr Rise Time ––– 80 ––– td(off) Turn-Off Delay Time ––– 20 ––– ns tf Fall Time ––– 6.6 ––– Ciss Input Capacitance ––– 4130 ––– Coss Output Capacitance ––– 1160 ––– pF Crss Reverse Transfer Capacitance ––– 560 ––– Diode Characteristics Parameter Min. Typ. Max. Units IS Continuous Source Current@ TC=25°C ––– ––– 110 (Body Diode) A ISM Pulsed Source Current ––– ––– 220 (Body Diode) e VSD Diode Forward Voltage ––– 0.8 1.0 V trr Reverse Recovery Time ––– 23 35 ns Qrr Reverse Recovery Charge ––– 13 20 nC ID = 22A VGS = 0V VDS = 10V ID = 22A TJ = 25°C, IF = 22A di/dt = 100A/µs g TJ = 25°C, IS = 22A, VGS = 0V g showing the integral reverse p-n junction diode. Conditions VGS = 0V, ID = 250µA Reference to 25°C, ID = 1mA VGS = 10V, ID = 27A g VGS = 4.5V, ID = 22A g VDS = VGS, ID = 250µA VDS = 16V, VGS = 0V VDS = 16V, VGS = 0V, TJ = 125°C VGS = 20V VGS = -20V VGS = 4.5V MOSFET symbol Clamped Inductive Load VDS = 10V, ID = 22A Conditions ƒ = 1.0MHz VDS = 10V, VGS = 0V VDD = 16V, VGS = 4.5V g VDS = 10V |
Numéro de pièce similaire - IRF6620PBF_15 |
|
Description similaire - IRF6620PBF_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |