Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6613PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF6613PBF
Description  Ideal for CPU Core DC-DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6613PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF6613PBF_15 Datasheet HTML 1Page - International Rectifier IRF6613PBF_15 Datasheet HTML 2Page - International Rectifier IRF6613PBF_15 Datasheet HTML 3Page - International Rectifier IRF6613PBF_15 Datasheet HTML 4Page - International Rectifier IRF6613PBF_15 Datasheet HTML 5Page - International Rectifier IRF6613PBF_15 Datasheet HTML 6Page - International Rectifier IRF6613PBF_15 Datasheet HTML 7Page - International Rectifier IRF6613PBF_15 Datasheet HTML 8Page - International Rectifier IRF6613PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6613PbF
2
www.irf.com
S
D
G
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Repetitive rating; pulse width limited by max. junction temperature.
„ Starting TJ = 25°C, L = 1.2mH, RG = 25Ω, IAS = 18A.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
† Surface mounted on 1 in. square Cu board.
‡ Used double sided cooling, mounting pad.
ˆ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
‰ TC measured with thermal couple mounted to top (Drain) of part.
Š Rθ is measured at TJ of approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
38
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.6
3.4
m
–––
3.1
4.1
VGS(th)
Gate Threshold Voltage
1.35
–––
2.25
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
93
–––
–––
S
Qg
Total Gate Charge
–––
42
63
Qgs1
Pre-Vth Gate-to-Source Charge
–––
11.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.3
–––
nC
Qgd
Gate-to-Drain Charge
–––
12.6
–––
Qgodr
Gate Charge Overdrive
–––
14.6
–––
See Fig. 6 and 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15.9
–––
Qoss
Output Charge
–––
22
–––
nC
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
47
–––
td(off)
Turn-Off Delay Time
–––
27
–––
ns
tf
Fall Time
–––
4.9
–––
Ciss
Input Capacitance
–––
5950
–––
Coss
Output Capacitance
–––
990
–––
pF
Crss
Reverse Transfer Capacitance
–––
460
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
180
(Body Diode)
e
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
38
57
ns
Qrr
Reverse Recovery Charge
–––
42
63
nC
ID = 18A
VGS = 0V
VDS = 15V
ID = 18A
TJ = 25°C, IF = 18A
di/dt = 100A/µs
g
TJ = 25°C, IS = 18A, VGS = 0V
g
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 23A
g
VGS = 4.5V, ID = 18A
g
VDS = VGS, ID = 250µA
VDS = 32V, VGS = 0V
VDS = 32V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 18A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VDD = 16V, VGS = 4.5V
g
VDS = 20V


Numéro de pièce similaire - IRF6613PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
More results

Description similaire - IRF6613PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6617PBF IRF-IRF6617PBF_15 Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6618PBF IRF-IRF6618PBF_15 Datasheet
250Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com