Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6218PBF Fiches technique(PDF) 6 Page - International Rectifier

No de pièce IRF6218PBF
Description  Reset Switch for Active Clamp Reset DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6218PBF Fiches technique(HTML) 6 Page - International Rectifier

  IRF6218PBF_15 Datasheet HTML 1Page - International Rectifier IRF6218PBF_15 Datasheet HTML 2Page - International Rectifier IRF6218PBF_15 Datasheet HTML 3Page - International Rectifier IRF6218PBF_15 Datasheet HTML 4Page - International Rectifier IRF6218PBF_15 Datasheet HTML 5Page - International Rectifier IRF6218PBF_15 Datasheet HTML 6Page - International Rectifier IRF6218PBF_15 Datasheet HTML 7Page - International Rectifier IRF6218PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF6218PbF
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
vs. Drain Current
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-VGS
QG
QGS
QGD
VG
Charge
RG
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
I AS
0
2040
6080
-ID , Drain Current (A)
100
150
200
250
300
350
400
VGS = -10V
4
5
6
7
8
9
10
11
12
-VGS, Gate -to -Source Voltage (V)
0
100
200
300
400
500
600
700
800
900
1000
ID = -27A
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
800
900
ID
TOP
-4.6A
-6.3A
BOTTOM -16A


Numéro de pièce similaire - IRF6218PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6218PBF IRF-IRF6218PBF Datasheet
133Kb / 7P
   HEXFET Power MOSFET
More results

Description similaire - IRF6218PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6218STRLPBF IRF-IRF6218STRLPBF Datasheet
305Kb / 9P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216PBF IRF-IRF6216PBF_15 Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6216TRPBF IRF-IRF6216TRPBF Datasheet
129Kb / 8P
   Reset Switch for Active Clamp Reset DC-DC converters
IRF6217PBF IRF-IRF6217PBF_15 Datasheet
130Kb / 8P
   Reset Switch for Active Clamp Reset DC to DC converters
IRF6217 IRF-IRF6217 Datasheet
105Kb / 8P
   HEXFET Power MOSFET(Reset Switch for Active Clamp Reset DC to DC converters)
logo
Texas Instruments
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
logo
List of Unclassifed Man...
BH6557FV ETC-BH6557FV Datasheet
249Kb / 2P
   DC/DC ConverterReset
logo
ON Semiconductor
NCP1562A ONSEMI-NCP1562A Datasheet
310Kb / 26P
   High Performance Active Clamp/Reset PWM Controller
November, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com