Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF5803D2PBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRF5803D2PBF
Description  Ideal For Buck Regulator Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF5803D2PBF Fiches technique(HTML) 3 Page - International Rectifier

  IRF5803D2PBF_15 Datasheet HTML 1Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 2Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 3Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 4Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 5Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 6Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 7Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 8Page - International Rectifier IRF5803D2PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF5803D2PbF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs.Temperature
-
Power Mosfet Characteristics
0.1
1
10
100
2.0
3.0
4.0
5.0
6.0
7.0
8.0
V
= -25V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-3.4A
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
-2.7V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-15V
-10V
-4.5V
-3.7V
-3.5V
-3.3V
-3.0V
BOTTOM - 2.7V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
-2.7V
20µs PULSE WIDTH
Tj = 125°C
VGS
TOP
-15V
-10V
-4.5V
-3.7V
-3.5V
-3.3V
-3.0V
BOTTOM - 2.7V


Numéro de pièce similaire - IRF5803D2PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF5803D2PBF IRF-IRF5803D2PBF Datasheet
143Kb / 11P
   FETKY 짰MOSFET & Schottky Diode
More results

Description similaire - IRF5803D2PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
IRF7321D2PBF IRF-IRF7321D2PBF_15 Datasheet
214Kb / 8P
   Ideal For Buck Regulator Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com