Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLS9033-00766 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce MLS9033-00766
Description  Surface Mount Frequency Synthesizer CDMA 754-779 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

MLS9033-00766 Fiches technique(HTML) 1 Page - Tyco Electronics

  MLS9033-00766 Datasheet HTML 1Page - Tyco Electronics MLS9033-00766 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Frequency Synthesizer
MLS9033-00766
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Features
Integrated VCO/PLL
Miniature SMT Package
Low Phase Noise
• +5V Operation
Description
The MLS9033-00766 synthesizer design integrates a high perfor-
mance buffered VCO, PLL circuit and discrete loop filter in a
surface mount package. The SMT packaging provides electrical
shielding, easy PCB assembly and repeatable performance. The
synthesizer is designed for use in CDMA base stations and is
optimised for coverage of the cellular Rx band, 70 MHz IF, 10
kHz, step size and low phase noise.
M/A-COM synthesizers are manufactured in an ISO 9001 certi-
fied facility, incorporating surface mount assembly and automated
electrical testing. This ensures consistent electrical performance
and quality over volume production quantities.
12 Lead Package
5. See plot for typical full band switching time measured to within
other offsets from final frequency.
6. Integral PLL lock monitor output, TTL high locked, TTL low un-
locked.
7. Device designed for loop bandwidth of 150 Hz.
8. Reference frequency input impedance 10 k
Ω min.
1. All specification limits are indicated values and apply over F
OUT and
for 50
Ω load impedance.
2. Programming control is 3 wire serial CMOS or TTL levels, in accor-
dance with National Semiconductor LMX 1511.
3. Output power window includes variation over operating temperature
range (T
OP) -40°C to +85°C and output frequency range (FOUT).
4. See plot for typical phase noise at other frequency offsets.
Surface Mount Frequency Synthesizer
CDMA 754-779 MHz
MLS9033-00766
1.0
13.6 MAX
0.2
2.0
TYP. in 5 POSITIONS
7
8
11
12
10 9
6
4
3
2
1
DATE CODE
PART NO.
M/ A- COM LTD
IDENT
DETAIL A
0.6
0.8
1.8
5
DETAIL A
Electrical Specifications
1, T
A = +25°C, VCC = +5V , ∆F = 10 kHz, FR = 15 MHz (unless otherwise stated)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range (F
OUT)
2
Over T
OP
MHz
754
779
RF Output Power (P
OUT)
3
Over T
OP
dBm
-3.0
+3.0
Harmonic Output
dBc
-18
-15
Spurious Output
Phase comparison frequency (F
OUT ± ∆F)
dBc
-73
-63
Reference breakthrough (F
OUT ± FR)
dBc
-85
Phase Noise
4
SSB at 1 kHz offset from carrier
dBc/Hz
-82
-74
SSB at 10 kHz offset from carrier
dBc/Hz
-107
SSB at 100 kHz offset from carrier
dBc/Hz
-126
-121
SSB at 300 kHz offset from carrier
dBc/Hz
-135
Integrated Phase Noise
300 Hz to 3 kHz bandwidth
mrad rms
10
Frequency Switching Time
5,6
Over F
OUT, measured to within ± 500 Hz
ms
45
VCO Supply Current (I
CC1)mA
19
23
PLL Supply Current (I
CC2)mA
8
12
VCO Supply Voltage (V
CC1)
Recommended operating limit
V
+4.75
+5.25
PLL Supply Voltage (V
CC2)
Recommended operating limit
V
+4.75
+5.25
Step Size (
∆F)7
Recommended operating limit
kHz
10
Reference Frequency (F
R)
8
0.5 to 2.0 Vpp sine wave into a.c. coupled
CMOS. Recommended operating limit
MHz
3
20


Numéro de pièce similaire - MLS9033-00766

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MLS9037-00110 MACOM-MLS9037-00110 Datasheet
80Kb / 2P
   Surface Mount Frequency Synthesizer IF 109 - 111 MHz
logo
Megawin Technology Co.,...
MLS903B MEGAWIN-MLS903B Datasheet
116Kb / 1P
   8-bit I/O type micro-controller with voice function
More results

Description similaire - MLS9033-00766

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MLS9108-00766 MACOM-MLS9108-00766 Datasheet
54Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 754 - 779 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
MLS9203-01815 MACOM-MLS9203-01815 Datasheet
82Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 1780 - 1850 MHz
MLS9109-00881 MACOM-MLS9109-00881 Datasheet
89Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 869 -894 MHz
MLS9100-00752 MACOM-MLS9100-00752 Datasheet
144Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 738 - 766 MHz
MLS9118-00812 MACOM-MLS9118-00812 Datasheet
82Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 799 - 824 MHz
MLS9204-01745 MACOM-MLS9204-01745 Datasheet
76Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 1710 - 1780 MHz
MLS9208-01800 MACOM-MLS9208-01800 Datasheet
82Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 1770 - 1832 MHz
MLS9228-01760 MACOM-MLS9228-01760 Datasheet
75Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 1720 - 1800 MHz
MLS9037-00110 MACOM-MLS9037-00110 Datasheet
80Kb / 2P
   Surface Mount Frequency Synthesizer IF 109 - 111 MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com