Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1370 Datasheet(Fiches technique) 3 Page - KEC(Korea Electronics)

Numéro de pièce KTB1370
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1370 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTB1370_15 Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1370_15 Datenblatt HTML 2Page - KEC(Korea Electronics) KTB1370_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007. 5. 21
3/3
KTB1370
Revision No : 2
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
V
- I
C
COLLECTOR CURRENT I
(A)
-0.02
-0.1
-0.3
-0.1
-1
-0.1
COLLECTOR-EMITTER VOLTAGE V
(V)
-3
-10
-30
CE
SAFE OPERATING AREA
BE(sat)
C
-1
-10
-3
-0.3
-0.5
-1
-3
-5
-10
COMMON EMITTER
I /I =10
C
B
Tc=-55 C
Tc=25 C
Tc=100 C
-0.8
-1.6
-2.4
-3.2
-2
-4
-6
COMMON EMITTER
V
=-1V
CE
Tc=25 C
Tc=-55 C
-100
-200
-0.3
-0.5
-1
-3
-5
-10
-20
SINGLE NONREPETIVE
PULSED Tc=25 C
CURVES MUST BE DERATED
LINERLY WITH INCREASE
IN TEMPERATURE.
*
I
MAX.(PULSED)
C
I
MAX.
C
(CONTINUOUS)
*
*
*
*


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn