Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1370 Datasheet(Fiches technique) 2 Page - KEC(Korea Electronics)

Numéro de pièce KTB1370
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1370 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1370_15 Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1370_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTB1370_15 Datenblatt HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007. 5. 21
2/3
KTB1370
Revision No : 2
0
0
COLLECTPR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
h
- I
C
COLLECTOR CURRENT I
(A)
-0.02
-1
-0.1
-10
0
0
COLLECTOR CURRENT I
(A)
C
V
- I
CE
C
-2
-4
-6
-8
-10
-2
-4
-6
-8
-10
COMMON EMITTER
Tc=25 C
I =-20mA
B
-200
-180
-160
-140
-120
-100
-80
-60
-40
0
-1
-2
-3
-4
-5
-6
-7
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
COMMON EMITTER
Tc=25 C
-400
-500
-600
-700
COMMON EMITTER
C
COLLECTOR CURRENT I
(A)
0
0-1
-1.0
-1.2
-0.8
-0.4
-0.2
-0.6
-2
-3
-4
-5
Tc=100 C
V
- I
CE
C
-6
-7
-600
-400
-500
-700
COLLECTOR CURRENT I
(A)
-0.8
-0.4
-0.2
-0.6
0
0
-1
-2
-3
-4
-5
-6
C
-7
-700
-600
-500
-4
00
-1.0
-1.2
COMMON EMITTER
V
- I
CE
Tc=-55 C
C
FE
C
-0.3
-3
10
30
100
300
1k
50
500
COMMON EMITTER
V
=-1V
CE
Tc=100 C
Tc=25 C
Tc=-55 C
COLLECTOR CURRENT I
(A)
-0.02
-0.01
-0.05
-0.03
-0.1
-0.5
-0.3
-1
Tc=-55 C
-0.3
-0.1
-1
-10
-3
C
V
=-1V
COMMON EMITTER
Tc=25 C
Tc=100 C
V
- I
CE(sat)
CE
C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn