Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1369 Datasheet(Fiches technique) 2 Page - KEC(Korea Electronics)

Numéro de pièce KTB1369
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1369 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1369_15 Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1369_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
KTB1369
Revision No : 4
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
0
CASE TEMPERATURE Ta ( C)
Pc - Ta
10
-0.3
-0.1
-0.03
-0.01
COLLECTOR CURRENT I
(A)
C
h
- I
V
,V
- I
C
COLLECTOR CURRENT I
(A)
-0.01
-0.03
-0.1
-0.3
-0.01
-10
-20
-30
-40
-50
-0.2
-0.4
-0.6
-0.8
-1.0
I =-8mA
B
I =-7mA
B
I =-6mA
B
I =-5mA
B
I =-4mA
B
I =-3mA
B
I =-2mA
B
I =-1mA
B
FE
C
-1
-3
-10
30
50
100
300
500
1k
V
=-10V
CE
CE(sat)
BE(sat)
C
-1
-3
-10
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
-10
VBE(sat)
CE(sat)
V
I =10I
C
B
50
100
150
10
20
30
40
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-3
DC OPERATION
-5
-10
-30
-7
-0.007
-0.01
-0.03
-0.5
-50
-100
-300
-0.05
-0.1
-0.3
-1
-3
-5
* SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSED)
C
C
I
MAX
(CONTINUOUS)
Tc=25 C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn