Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1368 Datasheet(Fiches technique) 2 Page - KEC(Korea Electronics)

Numéro de pièce KTB1368
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1368 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTB1368_15 Datenblatt HTML 1Page - KEC(Korea Electronics) KTB1368_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
KTB1368
Revision No : 2
-0.003
COLLECTOR CURRENT I
(A)
h
- I
FE
3
C
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0-1
-0.8
0
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-0.1
-0.03
-0.01
-0.003
COLLECTOR CURRENT I
(A)
C
C
CE(sat)
V
- I
10
0
50
25
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-2
-3
-4
-5
-6
-7
-1.6
-2.4
-3.2
-4.0
COMMON
EMITTER
Tc=25 C
I =-20mA
B
-40
-60
-80
-100
-120
-140
-160
-180
0
-0.03
-0.1
-0.3
-1
-4
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =10
B
C
Tc=75
C
Tc=25 C
Tc=-25 C
C
-0.01
-0.03
-0.1
-0.3
-1
-4
5
10
30
50
100
300
COMMON EMITTER
V
=-5V
CE
Tc=75
C
Tc=25
C
Tc=-25
C
-2
-10
-30
-100
-200
-0.3
-0.5
-1
-3
-5
-10
-30
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSED)
C
I
MAX
(CONTINOUS)
C
DC
OPERATION
(Tc=25
C)
1ms
10ms
100ms
1s
75
100
125
150
5
15
20
25
30
Tc=Ta
INFINITE HEAT SINK


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn