Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTB1366 Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KTB1366
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1366 Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KTB1366_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1366_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
KTB1366
Revision No : 4
0
-1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
-0.02
-0.3
-0.1
-0.02
COLLECTOR CURRENT I
(A)
C
V
- I
h
- I
C
COLLECTOR CURRENT I
(A)
0.1
10
TIME t (sec)
R
- t
-2
-3
-4
-5
-6
-1
-2
-3
-4
COMMON
EMITTER
Tc=25 C
-80
-70
-60
-50
-40
-30
-20
0
I =-10mA
B
CE(sat)
C
-1
-3
-5
-0.05
-0.1
-0.3
-0.5
-1
COMMON EMITTER
I /I =10
C
B
Tc=100
C
Tc=25 C
Tc=-25 C
FE
C
CE
V
=-5V
COMMON EMITTER
1k
500
300
100
50
-3
-1
-0.02
-0.1
-0.3
20
Tc=100 C
Tc=25 C
Tc=-25 C
th(t)
-3
-2
10
-1
10
1
10
2
10
1
10
100
1k
(1) WITHOUT HEAT SINK
(2) INFINITE HEAT SINK
(1) Ta=25 C
(2) Tc=25 C
-0.2
-30
-10
-3
-1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
-100
-0.5
-1
-3
-5
-10
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I
MAX.(PULSED)
C
*
C
I
MAX.(CONTINUOUS)
*
*
*
*


Numéro de pièce similaire - KTB1366_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTB1366 KEC-KTB1366 Datasheet
295Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
logo
SHENZHEN YONGERJIA INDU...
KTB1366 WINNERJOIN-KTB1366 Datasheet
71Kb / 1P
   TRANSISTOR (PNP)
logo
Inchange Semiconductor ...
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
logo
Foshan Blue Rocket Elec...
KTB1366 FOSHAN-KTB1366 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
KTB1366 JIANGSU-KTB1366 Datasheet
569Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
More results

Description similaire - KTB1366_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1368 KEC-KTB1368_15 Datasheet
453Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com