Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KTB1260 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTB1260
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1260 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTB1260_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1260_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTB1260_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 12. 12
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB1260
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
FEATURES
1W (Mounted on Ceramic Substrate).
Small Flat Package.
Complementary to KTD1898.
MAXIMUM RATING (Ta=25 )
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. COLLECTOR (HEAT SINK)
A
C
K
F
MILLIMETERS
H
1. BASE
3. EMITTER
FF
D
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE Classification O:70 140, Y:120 240, GR:200 400
* Mounted on ceramic substrate(250mm2 0.8t)
Type Name
h
Rank
FE
Lot No.
Marking
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-60V, IE=0
-
-
-1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-1
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-80
-
-
V
DC Current Gain
hFE(Note)
VCE=-3V, IC=-100mA
70
-
400
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-0.4
V
Transition Frequency
fT
VCE=-5V, IC=-50mA, f=30MHz
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
25
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1
A
Emitter Current
IE
1
A
Collector Power Dissipation
PC
500
mW
PC*
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn