Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTB1260 Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KTB1260
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1260 Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KTB1260_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1260_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTB1260_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2003. 12. 12
3/3
KTB1260
Revision No : 0
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON CERAMIC
SUBSTRATE
(250mm x0.8t)
Ta=25 C
2
1
2
1
2
(CONTINUOUS)
DC
OPERATION
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
-1m
-3m
-30m
-3
-10m
-100m
-300m
-1
CE
-0.1
-0.3
-1
-3
-10
-30
-100
100mS
*
Pw=10ms
*
I
MAX.
I (Pulse) MAX. *
C
C
* SINGLE NONREPETITVE
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
PULSE Ta=25 C


Numéro de pièce similaire - KTB1260_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTB1260 KEC-KTB1260 Datasheet
119Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
More results

Description similaire - KTB1260_15

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com