Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 32 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32000D3FP Datasheet(HTML) 32 Page - Mitsubishi Electric Semiconductor

Back Button M32000D3FP Datenblatt HTML 28Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 29Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 30Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 31Page - Mitsubishi Electric Semiconductor M32000D3FP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 33Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 34Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 35Page - Mitsubishi Electric Semiconductor M32000D3FP Datenblatt HTML 36Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
32
Power source voltage
Input voltage
Output voltage
Power consumption
Operating temperature
Storage temperature
ABSOLUTE MAXIMUM RATINGS
Ratings
TOPR = 25 °C
Conditions
Parameter
VCC
VI
VO
PD
TOPR
TSTG
Symbol
Unit
V
V
V
mW
°C
°C
Min.
Max.
–0.5
–0.5
–0.5
0
–65
4.6
4.6
4.6
1000
70
150
RECOMMENDED OPERATING CONDITIONS (VCC = 3.3 V ± 0.3 V, TOPR = 0 to 70 °C unless otherwise noted)
VCC
VIH
VIL
IOH (see note)
IOL (see note)
CL
Ratings
Max.
3.6
VCC+0.3
VCC+0.3
0.8
0.2VCC
2
2
50
V
V
V
V
V
mA
mA
pF
Symbol
Parameter
Unit
Min.
3.0
2.0
0.8VCC
–0.3
–0.3
Power source voltage
“H” input voltage
All inputs except following
____
RST pin
“L” input voltage
All inputs except following
____
RST pin
“H” output current
“L” output current
output load capacity
Typ.
Note: IOH and IOL represent the maximum values of DC current load. Intermittent current that is generated during output need not to be
considered as long as the output load capacity is within the specified range.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn