Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 29 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
29
Clock generating circuit
The M32000D3FP has a clock multiplier circuit and operates at four
times the input frequency. The internal operation frequency becomes
66.6 MHz when a 16.65 MHz clock is input to CLKIN. A capacitor (C)
should be connected to the PLLCAP pin, and the clock is input to the
CLKIN pin. The PLLVCC and PLLVSS pins should be connected to
the power source or the ground, respectively.
ADDRESSING MODE
M32R family supports the following addressing modes.
< register direct >
The general-purpose register or the control register to be processed
is specified.
< register indirect >
The contents of the register specify the address in memory to be
accessed. This mode can be used by all load/store instructions.
< register relative indirect >
(The contents of the register) + (16-bit immediate value which is sign-
extended to 32 bits) specify the address in memory to be accessed.
< register indirect and register update >
• 4 is added to the register contents
(the contents of the register before update specify
the address in memory to be accessed [LD instruction]
• 4 is added to the register contents
(the contents of the register after update specify
the address in memory to be accessed) [ST instruction]
• 4 is subtracted from the register contents
(the contents of the register after update specify
the address in memory to be accessed) [ST instruction]
< immediate >
The 4-, 5-, 8-, 16- or 24-bit immediate value.
< PC relative >
(The contents of PC) + (8, 16, or 24-bit displacement which is sign-
extended to 32 bits and 2 bits left-shifted) specify the address in
memory to be accessed.
Fig. 32 Oscillation circuit
M32000D3FP
18 (CLKIN)
16 (PLLCAP)
15 (PLLVSS)
C
14 (PLLVCC)
VCC
PLL clock
generating
circuit
clock input
recommended values in circuit
C: 1000 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn