Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 28 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
28
Programmable I/O port
The M32000D3FP has two programmable I/O ports (PP0, PP1). Each
port can be set as input or output.
Reset
____
When an "L" level is input to RST, the M32000D3FP switches to the
reset state. The reset state is released when an "H" level is input to
____
RST, and the program is executed from the EIT vector entry of the
reset interrupt. All internal resources including the internal PLL (4x
clock generator) are initialized. In order to stabilize PLL oscillation,
____
the "L" input to RST should last a minimum of 2 ms after VCC stabi-
lizes to the specified voltage level.
<at reset: H'00>
D
bit name
function
R
W
24 - 30
Not assigned.
0
31
PP0C, PP1C
0: input port
(port I/O direction)
1: output port
programmable I/O port direction control register 1 (PPCR1)
< address: H'FFFF FFE7>
D24
D25
D26
D27
D28
D29
D30
D31
PP1C
programmable I/O port direction control register 0 (PPCR0)
< address: H'FFFF FFE3>
D24
D25
D26
D27
D28
D29
D30
D31
PP0C
Fig. 30 Programmable I/O port direction control register
programmable I/O port data register 0 (PPDR0)
< address: H'FFFF FFEB>
<at reset: B'0000 000?>
D
bit name
function
R
W
24 - 30
Not assigned.
0
31
PP0D, PP1D
0: data = "0"
(port data)
1: data = "1"
D24
D25
D26
D27
D28
D29
D30
D31
PP1D
programmable I/O port data register 1 (PPDR1)
< address: H'FFFF FFEF>
D24
D25
D26
D27
D28
D29
D30
D31
PP0D
Fig. 31 Programmable I/O port data register
Table 2 Internal state after reset
internal resources
state
DRAM
undefined
cache memory
invalid
(purged all)
general purpose
undefined
registers
(R0 - R15)
control registers PSW (CR0)
B'0000 0000 0000 0000 ??00 000? 0000 0000
(BSM, BIE, and BC are undefined)
CBR (CR1)
H'0000 0000
SPI (CR2)
undefined
SPU (CR3)
undefined
BPC (CR6)
undefined
PC
master mode:
execute from address H'7FFF FFF0
slave mode:
wait for interrupt input at address
H'7FFF FFF0
• execute from address H'0000 0010
___
by inputting SBI signal
• execute from address H'0000 0080
___
by inputting INT signal
ACC
(accumulator)
undefined
I/O registers
PPCR0, PPCR1 H'00 (input)
PPDR0, PPDR1 B'0000 000? (depends on input
pin state)
MLCR
_____
H'00 (HREQ exclusive lock mode)
MPMR
H'00 (normal operation)
MCCR
H'01 (cache-off mode)
R = 0 ... "0" when reading
R =
... read enabled
W =
... write enabled
W =
: write disabled
R = 0 ... "0" when reading
R =
... read enabled
W =
... write enabled
W =
: write disabled


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn