Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 27 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
27
In standby mode, all clock supply stops and only the contents of the
internal DRAM are retained. The power requirement is only that which
the internal DRAM needs for refreshing itself. When set to standby
mode, the M32000D3FP waits for the current bus operation to be
completed. It then purges the cache memory and switches the inter-
nal DRAM to self-refresh mode. After that, the PLL and all clock sup-
_____
plies stop and the STBY signal goes to an "L" level to indicate the
_____
completion of the switch to standby mode. Input an "L" level to WKUP
___
or RST to return from standby mode to normal operation mode. The
contents of the internal DRAM are retained upon return using the
_____
WKUP signal.
In CPU sleep mode, clock supply to the M32R CPU stops. In this
mode, the internal DRAM, cache memory, memory controller and
external bus interface continue to operate and the internal DRAM
___ ___
can be accessed from the external bus. Input an "L" level to INT, SBI
___
or RST to return to normal operation mode from CPU sleep mode.
The contents of the cache memory, internal DRAM, general-purpose
registers and programmable I/O control register are retained upon
___
___
return using the INT or SBI signals.
Power management function
The M32000D3FP has the following two low-power consumption
modes.
• standby mode
• CPU sleep mode
power management (MPMR) < address: H'FFFF FFFB>
D24
D25
D26
D27
D28
D29
D31
PM1
PM0
D30
<at reset: H'00>
D
bit name
function
R
W
24 - 29
Not assigned.
0
30, 31
PM0, PM1
(low power
consumption
mode)
00: normal
operation
mode
01: (reserved)
10: CPU sleep
mode
11: standby mode
Fig. 28 Power management control register
standby mode
reset
normal
operation mode
CPU sleep
mode
set to CPU sleep mode
(H'02 is written to
MPMR register)
set to standby mode
(H'03 is written to
MPMR register)
INT, SBI, RST
input
WKUP, RST
input
Fig. 29 State transition for low power consumption mode
R = 0 ... "0" when reading
R =
... read enabled
W =
... write enabled
W =
: write disabled
!
!


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn