Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 24 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
24
("L" output)
("L" input)
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
"Hi-z"
V
HREQ
BCH, BCL
D0 - D15
DC
R/W
hold shift
hold
return
HACK
A8 - A30
CS
read
read
read
read
SID
Note: "Hi-z" means high impedance, and
indicates sampling timing.
CLKIN
The value of the R/W signal that controls the data direction of the bus interface
cannot be changed during CS="L". Hold this value while CS="L".
Also, where marked above with V, 3 to 7 CLKIN clock periods are necessary for
the first read operation (also when reading crosses an 128-bit boundary) when
reading from the internal DRAM. Hold the input value of the address or other control
signals during these wait cycle periods (DC = "H"). Consecutive read operations
within an 128-bit boundary are completed in 1 CLKIN clock period.
During these wait cycle period, CS cannot be returned to an "H" level (the access
cannot be aborted). CS can only be returned to an "H" level after DC is driven to "L".
When the M32000D3FP is in the hold state and an "L" level is input
__
to CS, the M32000D3FP interprets it as a bus access request to the
__
internal DRAM. In this case, when the R/W signal is an "H" level, the
memory controller drives a read cycle to the internal DRAM. In the
read cycle, the 16-bit data for the address specified with A8 to A30,
____
___
is output from D0 to D15 regardless of the BCH and BCL settings.
__
Also the DC signal is output.
The M32000D3FP reads 128 bits of data from the block on the 128-
bit boundary including the requested address into the 128-bit buffer
of the bus interface unit. 3 to 7 CLKIN clock periods are necessary
for the first bus access, however, when reading consecutive address
within the 128-bit boundary, the subsequent read bus cycles are com-
pleted in 1 CLKIN clock period because a read from the internal DRAM
__
does not take place. After DC outputs an "L" level (access complete),
__
return CS to the "H" level between the CLKIN falling edge corre-
sponding to the last read cycle and the following CLKIN falling edge.
______
Return HREQ to the "H" level to return the M32000D3FP to the nor-
mal operation mode from the hold state either at the same time as or
__
after CS is returned to the "H" level.
Fig. 23 Read bus cycle to internal DRAM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn