Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 22 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
22
______
The M32000D3FP outputs the BURST signal and carries out a burst
transfer when reading "the word-size data aligned on the 32-bit bound-
ary" or "a maximum 4 words of instructions aligned on the 128-bit
______
boundary". The BURST signal is synchronized with the CLKIN falling
edge of the first bus access cycle and output "L" level. It returns to an
"H" level synchronized with the first CLKIN falling edge of the last
bus access cycle. Addresses A8 to A30 are output for each cycle.
When burst reading 32-bit data, the MSB-side 16-bit read bus cycle
is carried out first followed by the LSB-side 16-bit read bus cycle.
When the cache memory operation mode is the instruction cache
mode, and burst reading of the instructions within the 128-bit bound-
ary for cache replacement occurs, the bus cycle is driven a fixed 8
times from an arbitrary 32-bit boundary address and to wraparound
within the 128-bit boundary. When other than the instruction cache
mode is selected and burst reading a set of instructions of less than
128 bits, consecutive bus cycles are driven from an arbitrary 32-bit
boundary address as the top to the 128-bit line (A28 to A30 = "111").
Fig. 20 4-word (128-bit) burst read timing (1-0-0-0-0-0-0-0 wait)
Fig. 19 1-word (32-bit) burst read timing (1-0 wait)
"H"
idle
CLKIN
BS
A8 - A30
SID, ST
BCH, BCL
BURST
D0 - D15
DC
R/W
burst read (1 word)
idle
"Hi-z"
"Hi-z"
Note: "Hi-z" means high-impedance, and
indicates sampling timing.
Wait cycles can be inserted even when burst transferring by setting
DC = "H".
Keep DC signal at the "H" level during idle cycles.
Wait cycles can be inserted even when burst transferring by setting DC = "H".
"H"
idle
CLKIN
BS
A8 - A30
SID, ST
BCH, BCL
BURST
D0 - D15
DC
R/W
burst read ( 4 words)
idle
"Hi-z"
Note: "Hi-z" means high-impedance, and
indicates sampling timing.
Keep DC signal to at the "H" level during idle cycles.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn