Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 19 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
19
Bus interface unit (BIU)
The M32000D3FP has the following signals related to the external
bus.
• Address (A8 to A30)
The M32000D3FP has a 24-bit address bus (A8 to A31) correspond-
ing to a 16 MB address space. Of these, A31 (the LSB) is not output
externally. In write cycles, the validity of the two bytes output on the
___
___
16-bit data bus is indicated by BCH and/or BCL. In read cycles, the
16-bit data bus is always read, however, only data in the valid byte
position in the M32000D3FP is transferred. The address pins are
bidirectional. If the M32000D3FP is in the hold state and the internal
DRAM is accessed from an external bus master, the address signal
is input from the system bus side.
• Space identifier (SID)
The space identifier is used to specify user space and I/O space.
user space: SID = "L"
I/O space: SID = "H"
If the M32000D3FP is in the hold state and the internal DRAM is
accessed from an external bus master, the "L" level should be input
to SID from the system bus side.
___
___
• Byte control (BCH, BCL)
Byte control signals indicate the byte position of valid data trans-
___
ferred of the external bus cycle. BCH corresponds to the MSB side
________
(D0 to D7), and BCL corresponds to the LSB side (D8 to D15). Dur-
___
___
ing the bus read cycle, both BCH and BCL are an "L" level. During
___
___
the bus write cycle, BCH and/or BCL go to an "L" level depending on
the bytes to be written. If the M32000D3FP is in the hold state and
the internal DRAM is accessed from an external bus master, the byte
control signal is input from the system bus side.
• Data bus (D0 to D15)
The M32000D3FP has a 16-bit data bus to access external devices.
If the M32000D3FP is in the hold state and the internal DRAM is
accessed from an external bus master, the data bus is used as a
data I/O bus from the system bus side.
__
• Bus start (BS)
When the M32000D3FP drives the bus cycle to the system bus, an
__
"L" level is output to BS at the start of the bus cycle. Also, for a burst
__
__
transfer, the BS signal is output for each transfer cycle. The BS sig-
nal is not output when accessing internal resources such as the in-
ternal DRAM or internal I/O registers.
• Bus status (ST)
The ST signal identifies whether the bus cycle the M32000D3FP is
driving is an instruction fetch cycle or an operand access cycle.
instruction fetch access: ST = "L"
operand access: ST = "H"
hold: ST = high-impedance
idle: ST = undefined
__
• Read/write (R/W)
__
The M32000D3FP outputs a R/W signal to identify whether the ex-
ternal bus cycle is a read or write operation. When accessing the
__
internal DRAM from an external bus master, a R/W signal is input
from the system bus side.
__
read bus cycle: R/W = "H"
__
write bus cycle: R/W = "L"
______
• Burst (BURST)
The M32000D3FP drives two consecutive bus cycles to access 32-
bit data located on the 32-bit boundary. In instruction fetching, it drives
a maximum of 8 (fixed to 8 cycles in instruction cache mode) con-
secutive read cycles to access data located on the 128-bit boundary.
While driving these consecutive bus cycles, the M32000D3FP out-
______
puts "L" level to BURST. When accessing 32-bit data, the address of
the MSB-side 16 bits are output before the address of the LSB side
16 bits. When accessing 128-bit data, the addresses are output for
every access cycle from the arbitrary 16-bit aligned addresses to
wraparound within the 128-bit boundary.
__
• Data complete (DC)
When starting an external bus cycle, the M32000D3FP automati-
__
cally inserts wait cycles until the DC signal is input from external.
__
Wait control using the DC signal is effective also for bus cycles dur-
ing burst transfer. When the M32000D3FP is in the hold state and if
__
__
the CS signal is input, the M32000D3FP outputs the DC signal to
notify the external bus master that internal DRAM access is com-
plete.
_____
_____
• Hold control (HREQ, HACK)
The hold state is the state when the external bus access stops and
all pins go to a high-impedance state. However, the internal DRAM
can be accessed while the external bus is in the hold state. To put
_____
the M32000D3FP into the hold state, input an "L" level to HREQ.
When the hold request is accepted and the M32000D3FP enters the
_____
hold state, an "L" level is output from HACK.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn