Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 17 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
17
Internal memory system
The memory system built into the M32000D3FP has the following
characteristics.
• internal 8M-bit (1M-byte) DRAM
• internal 4K-byte cache memory
• CPU, cache and internal DRAM are connected by a 128-bit bus
• selectable cache memory operation mode
– internal instruction/data cache mode
– instruction cache mode
– cache-off mode
When the internal instruction/data cache mode is selected, the cache
memory functions as a cache for both instruction and data from the
internal DRAM, and caches all bus access to the DRAM. This mode
is for a system which uses the internal DRAM as main memory. Trans-
fer between the M32R CPU, cache memory and internal DRAM is
always carried out in blocks of 128 bits. Caching is carried out by the
direct map method. Writing is by the copy back method.
When the M32000D3FP access destination is an external space,
data transfer between the M32R CPU and the external device is car-
ried out via the bus interface unit (BIU). The BIU has a 128-bit data
buffer which converts the bus width between the 128-bit bus in the
M32000D3FP and the external bus. Caching is not applicable in this
case of data transfer.
When accessing the internal DRAM from an external bus master,
and a cache hit occurs (the accessed data is inside the cache), data
transfer between the cache memory and the external bus via the BIU
is carried out. When a cache miss occurs, (the accessed data is not
inside the cache) data transfer is carried out between the internal
DRAM and the external bus via the BIU without cache replacement.
cache control register (MCCR) < address: H'FFFF FFFF>
D24
D25
D26
D27
D28
D29
D30
D31
CP
CM0
CM1
<at reset: H'01>
D
bit name
function
R
W
24
CP
0: no purge
0
(cache purge)
1: purge
25 - 29
Not assigned.
0
30, 31
CM0, CM1
00: cache mode
(cache mode)
is not changed
01: cache-off mode
10: internal
instruction/data
cache mode
11: instruction cache
mode
R = 0 ... "0" when reading
R =
... read enabled
W =
... write enabled
W =
: write disabled
128
external bus
(16 bits)
16
external bus
interface
M32000D3FP
128
128
instruction/
data cache
DRAM
BIU
CPU
Fig. 12 Cache control register
Fig. 13 Internal instruction/data cache mode
!
!


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn