Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 16 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
16
EIT events are shown below.
• Reserved instruction exception (RIE)
The reserved instruction exception (RIE) occurs when execution of a
reserved instruction (unimplemented instruction) is detected.
• Address exception (AE)
The address exception (AE) occurs if an attempt is made to access
an unaligned address with either a load instruction or a store instruc-
tion.
• Reset interrupt (RI)
___
The reset interrupt (RI) is always accepted when the RST signal is
input. It has the highest priority.
• Wakeup interrupt (WI)
______
The wakeup interrupt (WI) is accepted when the WKUP signal is
input while the M32000D3FP is in standby mode. It is only used to
return from standby mode.
• System break interrupt (SBI)
___
The system break interrupt (SBI) is an interrupt request from the SBI
pin. It is used when a break in power source or an error from an
external watchdog timer is detected. It is also used to return from
CPU sleep mode and to start an M32000D3FP set to slave mode.
• External interrupt (EI)
___
The external interrupt (EI) is an interrupt request from the INT pin. It
is used by an interrupt from the external peripheral I/O and can be
masked by the IE bit in the PSW register. It is also used to return
from CPU sleep mode and to start an M32000D3FP set to slave
mode.
• Trap
The trap (TRAP) is a software interrupt which is generated by ex-
ecuting the TRAP instruction. A total of 16 EIT vector entries are
available for operands 0 to 15 of the TRAP instruction.
Fig. 11 EIT events
EIT
Exception
Reserved Instruction
Exception (RIE)
Address Exception (AE)
Interrupt
Reset Interrupt (RI)
Wakeup Interrupt (WI)
System Break Interrupt (SBI)
Trap
Trap (TRAP)
External Interrupt (EI)
EIT
While the CPU is executing a program, sometimes it is necessary to
suspend execution, because a certain event occurs, and execute
another program. These kinds of events are referred to as EIT (Ex-
ception, Interrupt, Trap).
• Exception
The event is related to the context being executed. It is generated by
errors or violations that occur during instruction execution. With the
M32000D3FP, the address exception (AE) and reserved instruction
exception (RIE) are of this type.
• Interrupt
The event is not related to the context being executed. It is gener-
ated by an external hardware signal. With the M32000D3FP, the
external interrupt (EI), system break interrupt (SBI), wakeup inter-
rupt (WI) and reset interrupt (RI) are of this type.
• Trap
This is a software interrupt which is generated by executing the TRAP
instruction. It is intentionally added to the program by the program-
mer, as a system call.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn