Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 15 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
15
The user I/O area is 8 MB from address H'FF00 0000 to address
H'FF7F FFFF. When this space is accessed, the control signals to
access external devices are output. The system area is 4 MB from
address H'FF80 0000 to address H'FFBF FFFF. This area is reserved
for development tools such as in-circuit emulators or debug moni-
tors. The user cannot use this area.
The internal I/O area is 4 MB from address H'FFC0 0000 to address
H'FFFF FFFF. The memory controller and programmable I/O port
registers are allocated in this area.
The internal DRAM (1 MB) is allocated from address H'0000 0000 to
address H'000F FFFF. The EIT vector entry (other than the reset
interrupt) is allocated in the address H'0000 0000 to address H'0000
008F of this area.
The internal DRAM is connected to the M32R CPU via a 4 KB cache
memory with a 128-bit bus. When the M32000D3FP is in the hold
state, the internal DRAM can be accessed from an external bus master
by inputting control signals.
The external area consists of 15 MB from address H'0010 0000 to
address H'00FF FFFF. When this space is accessed, the control sig-
nals to access external devices are output. The bottom 16 bytes in
this area (H'00FF FFF0 to H'00FF FFFF) are the reset interrupt EIT
vector entry.
Fig. 10 Internal I/O space memory map
H'FFC0 0000
H'FFFF FFE0
H'FFFF FFE4
H'FFFF FFE8
H'FFFF FFF8
H'FFFF FFFC
logical address
0
31
+3 address
(reserved)
+2 address
+1 address
+0 address
PPCR1
PPDR0
memory controller
PPDR1
(reserved)
MPMR
MCCR
PPCR0
H'FFFF FFEC
MLCR: lock control register
MPMR: power management control register
MCCR: cache control register
programmable I/O port
PPCR0: programmable I/O port direction control register 0
PPCR1: programmable I/O port direction control register 1
PPDR0: programmable port data register 0
PPDR1: programmable port data register 1
MLCR
H'FFFF FFF4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn