Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 1 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
FEATURES
CPU .......................................................... M32R family CPU core
Pipeline .............................................................................. 5 steps
Basic bus cycle ................................. 15 ns (at internal 66.6 MHz)
Logical address space ............................................ 4G-byte linear
External bus ........................................................ data bus: 16 bits
address bus: 24 bits
Internal DRAM ................................................. 8M bits (1M bytes)
Cache .......................................................... 4K bytes (direct map)
Register configuration ...... general-purpose registers: 32 bits x 16
control registers: 32 bits x 5
Instruction set ....................... 83 instructions/6 addressing modes
Instruction format .................................................... 16 bits/32 bits
Multiply-accumulate operation unit (DSP function instruction)
Internal memory controller
Programmable I/O ports
Power management function .................................. standby mode
/CPU sleep mode
PLL clock generating circuit................. four-time clock PLL circuit
Operation mode .............................................. master/slave mode
Interrupt input............................................................
___
___
INT and SBI
Power source .......................................................... 3.3 V (±10 %)
APPLICATIONS
Portable equipment, Still camera, Navigation system,
Digital instrument, Printer, Scanner, FA equipment
DESCRIPTION
The M32000D3FP is a new generation microcomputer with a 32-bit
CPU and built-in high capacity DRAM. Using this device it is possible
to implement the complex applications of the multimedia age with
high performance and low power consumption.
The M32000D3FP contains 1M bytes of DRAM and 4K bytes of cache
memory. The CPU is implemented with a RISC architecture and has
a high performance figure of 52.4 MIPS (at an internal clock rate of
66.6 MHz ). Memory for main storage is provided internally to the
device eliminating external memory and associated control circuits
thus reducing overall system noise and power consumption.
The CPU, internal DRAM and cache memory are connected by a
128-bit, 15 ns/cycle internal bus which virtually eliminates transfer
bottlenecks in between the CPU and the memory. The M32000D3FP
internally multiplies the frequency of the input clock signals by four.
For an internal operating frequency of 66.6 MHz the input clock fre-
quency is 16.65MHz.
A 16-bit data and 24-bit address bus are the M32000D3FP's exter-
nal bus and the interface to external peripheral controllers. When the
hold state is set, the internal DRAM can be accessed from an exter-
nal device.
A 3-chip basic system configuration using the M32000D3FP is the
device itself plus an ASIC as a peripheral controller and a program
ROM. Execution starts from the reset vector entry on the external
ROM after power on, a program requiring high speed execution is
then transferred to internal DRAM and this is then executed. The
M32000D3FP also has a slave mode additional to its master mode.
When set to slave mode the M32000D3FP can be used as a
coprocessor. In this mode it does not access its external bus
immediatly after reset, but waits for the master to start its operation.
MITSUBISHI MICROCOMPUTERS
M32000D3FP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn