Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 40 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 40 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
40
CLKIN
(input)
(output)
(output)
0.5 VCC
(input)
(output)
D0 to D15
D0 to D15
(input)
td(CLKIN-DV)
td(CLKIN-DZX)
td(CLKIN-DVX)
td(CLKIN-DXZ)
tsu(DCL-CLKIN)
th(CLKIN-DCL)
tsu(D-CLKIN)
th(CLKIN-D)
BS
BCH, BCL
DC
13
15
30
31
32
33
34
35
38
39
(output)
A8 to A30
td(CLKIN-AV)
16
(output)
td(CLKIN-STV)
SID, ST
22
(output)
td(CLKIN-RWV)
R/W
24
(output)
BURST
td(CLKIN-BSH)
td(CLKIN-BURSTL)
27
td(CLKIN-BURSTH)
29
td(CLKIN-BSL)
td(CLKIN-BCV)
18
td(CLKIN-SIDV)
20
12 td(CLKIN-BSHX)
14 td(CLKIN-BSLX)
td(CLKIN-AX)
17
td(CLKIN-BCX)
19
td(CLKIN-STX)
23
td(CLKIN-SIDX)
21
td(CLKIN-RWX)
25
td(CLKIN-BURSTHX)
26
td(CLKIN-BURSTLX)
28
tsu(DCH-CLKIN)
th(CLKIN-DCH)
36
37
*1 The set up/hold of DC = "H" may vary depending on the wait cycle insertion or when an idle cycle occurs.
*1
*1
*2 All switching characteristics and timing requirements based on the falling edge of CLKIN are calculated according to
the internal CLKIN (duty ratio is 50%) . When designing external peripheral circuits, the correction for the duty cycle of
the actual CLKIN is necessary.
• minimum value of td(CLKIN-BSLX) = (value in table) – (correction value) = 15 – (60 x 5/100) = 12 [ns]
• maximum value of td(CLKIN-BSH) = (value in table) + (correction value) = (60/4 + 8) + (60 x 5/100) = 26 [ns]
*2
*2
*2
*2
*2
*2
[example]
BS signal transition ("L" –> "H") when inputting 16.65 MHz clock whose duty ratio is 45 - 55% (
± 5%) to CLKIN:
0.5 VCC
Fig. 40 Read/write timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn