Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 37 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 37 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
37
(3) Arbitration and external bus master read/write timing
Limits
Symbol
Test conditions
td(CLKIN-HACKHX)
td(CLKIN-HACKL)
td(CLKIN-HACKLX)
td(CLKIN-HACKH)
td(CLKIN-AZ)
td(CLKIN-AZX)
td(CLKIN-DZX)
td(CLKIN-DV)
td(CLKIN-DXZ)
td(CLKIN-DVX)
td(CS-DCZX)
td(CLKIN-DCHX)
td(CLKIN-DCL)
td(CLKIN-DCXZ)
td(CLKIN-DCLX)
42
43
44
45
46
47
54
55
56
57
58
59
60
61
62
Max.
_____
HACK = “H” effective time after CLKIN
_____
HACK = “L” delay time after CLKIN
_____
HACK = “L” effective time after CLKIN
_____
HACK = “H” delay time after CLKIN
Address output disable time after CLKIN
Address output enable time after CLKIN
Data output enable time after CLKIN
Data output delay time after CLKIN
Data output disable time after CLKIN
Data output effective time after CLKIN
__
__
DC output enable time after CS
__
DC = “H” effective time after CLKIN
__
DC = “L” delay time after CLKIN
__
DC output disable time after CLKIN
__
DC = “L” effective time after CLKIN
Parameter
12
12
16
18
16
16
16
Min.
0
0
0
0
0
0
0
0
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
Reference
number
(4) Standby timing
Limits
Symbol
Test conditions
td(CLKIN-STBYHX)
td(CLKIN-STBYL)
td(CLKIN-STBYLX)
td(CLKIN-STBYH)
Reference
number
65
66
67
68
Min.
Unit
Max.
Parameter
ns
ns
ns
ns
tc(CLKIN)n/4+15
tc(CLKIN)n/4+15
_____
STBY = “H” effective time after CLKIN
_____
STBY = “L” delay time after CLKIN (see note)
_____
STBY = “L” effective time after CLKIN
_____
STBY = “H” delay time after CLKIN (see note)
0
0
_____
Note: The STBY signal is synchronized with the internal clock, therefore its timing changes at 0, 90, 180 and 270 (n=0, 1, 2, 3) degree phase
of CLKIN.
Limits
Symbol
Parameter
Min.
Port output “L” pulse width (see note)
Port output “H” pulse width (see note)
Test conditions
(5) I/O port timing
tw(PORTOUTL)
tw(PORTOUTH)
Max.
Unit
ns
ns
Reference
number
12
12
71
72
Note: The minimum pulse width value is that where the output is changed within 1 clock of the internal clock. Software processing time to write
to the port data register is not included.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn