Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 36 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 36 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
36
SWITCHING CHARACTERISTICS (VCC = 3.3 ± 0.3 V, CL = 50 pF, TOPR = 0 to 70 °C unless otherwise noted)
Limits
Symbol
Parameter
Test conditions
(1) Output transition time
tr(OUTPUT)
tf(OUTPUT)
Reference
number
3
4
Min.
Unit
Max.
8
8
Typ.
Output rising transition time
Output falling transition time
ns
ns
(2) Read and write timing
Limits
Symbol
td(CLKIN-BSHX)
td(CLKIN-BSL)
td(CLKIN-BSLX)
td(CLKIN-BSH)
td(CLKIN-AV)
td(CLKIN-AX)
td(CLKIN-BCV)
td(CLKIN-BCX)
td(CLKIN-SIDV)
td(CLKIN-SIDX)
td(CLKIN-STV)
td(CLKIN-STX)
td(CLKIN-RWV)
td(CLKIN-RWX)
td(CLKIN-BURSTHX)
td(CLKIN-BURSTL)
td(CLKIN-BURSTLX)
td(CLKIN-BURSTH)
td(CLKIN-DZX)
td(CLKIN-DV)
td(CLKIN-DVX)
td(CLKIN-DXZ)
Reference
number
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
32
33
34
35
Min.
Unit
Max.
__
BS = “H” effective time after CLKIN
__
BS = “L” delay time after CLKIN
__
BS = “L” effective time after CLKIN
__
BS = “H” delay time after CLKIN
Address delay time after CLKIN
Address effective time after CLKIN
____
___
BCH, BCL delay time after CLKIN
____
___
BCH, BCL effective time after CLKIN
SID delay time after CLKIN
SID effective time after CLKIN
ST delay time after CLKIN
ST effective time after CLKIN
__
R/W delay time after CLKIN
__
R/W effective time after CLKIN
______
BURST = “H” effective time after CLKIN
______
BURST = “L” delay time after CLKIN
______
BURST = “L” effective time after CLKIN
______
BURST = “H” delay time after CLKIN
Data output enable time after CLKIN
Data output delay time after CLKIN
Data output effective time after CLKIN
Data output disable time after CLKIN
Parameter
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
12
tc(CLKIN)/4+8
16
16
16
16
16
12
12
18
16
Test
conditions
0
tc(CLKIN)/4
0
0
0
0
0
0
0
0
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn