Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D3FP Datasheet(Fiches technique) 33 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D3FP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER  
Télécharger  45 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D3FP Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D3FP
33
IOH = –2 mA
IOL = 2 mA
VO = 0 to VCC
VIH = 0 to VCC +0.3 V
VIH = 0 to VCC +0.3 V
Average in normal operation
mode VCC = 3.3 V
Average in CPU sleep mode
VCC = 3.3 V
Average in standby mode
VCC = 3.3 V
All pins
“H” output voltage
“L” output voltage
Output current in off state
“H” input current
“L” input current
Power source current
Pin capacitance
VOH
VOL
IOZ
IIH
IIL
ICC
C
DC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (VCC = 3.3 V ± 0.3 V, TOPR = 0 to 70 °C unless otherwise noted)
Ratings
Max.
0.4
10.0
10.0
–10.0
200
150
1500
15
V
V
µA
µA
µA
mA
mA
µA
pF
Symbol
Parameter
Unit
Min.
2.4
–10.0
Test conditions
Typ.
120
80


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M38747MCTSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38867M8ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn