Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB-B75G Fiches technique(PDF) 1 Page - AAEON Technology

No de pièce FSB-B75G
Description  Full-Size SBC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAEON [AAEON Technology]
Site Internet  http://www.aaeon.com
Logo AAEON - AAEON Technology

FSB-B75G Fiches technique(HTML) 1 Page - AAEON Technology

  FSB-B75G_15 Datasheet HTML 1Page - AAEON Technology FSB-B75G_15 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13-11
13
Intel® LGA 1155 Socket
SATA 3.0Gb/s x 2
10/100/1000 LAN x 2
DDR3 up to 16 GB
USB2.0 x 2
USB2.0 x 2
CFast™ x 1
USB3.0 x 4
SATA 6.0Gb/s x 1
VGA
USB x 2
Features
Specifications
Full-Size SBC with Intel® 3rd Generation Core™ i7/i5/i3 LGA 1155 Processor
FSB-B75G
Intel® 3rd Generation Core™ i7/i5/i3 LGA 1155 Processor
Intel® B75 Chipset
Dual Channel DDR3 Memory DIMM Socket x 2 (up to 16GB)
Intel® B75 Integrated Intel® HD Graphics
10/100/1000Base-TX Ethernet x 2
SATA 6.0Gb/s x 1, SATA 3.0Gb/s x 2, CFast™ x 1 (Optional)
COM x 2, USB3.0 x 4, USB 2.0 x 6
PICMG 1.0
ATX 2.1 Power Requirement
System
Form Factor
PICMG 1.0 Full-Size SBC
Processor
Intel® 3rd Generation Core™ i7/i5/i3 LGA 1155 Processor
System Memory
240-pin Dual-Channel DDRIII 1333/1600 DIMM socket x 2, up to 16GB
Chipset
Intel® B75
Graphics
Intel® B75 Integrated Intel® HD Graphics
I/O Chipset
Winbond W83627DHG-P
Ethernet
Realtek 8111E, 10/100/1000Base-TX, RJ-45 x 2 on bracket
BIOS
AMI Plug & Play SPI BIOS – 128 MBit ROM
Audio
HDAC Daughter board (Optional), Mic-in/Line-in/Line-out/CD-in
Wake On LAN
Yes
Watchdog Timer
1~255 steps by software programming
H/W Status Monitoring
System temp, Voltage, and Cooling fan status
Expansion Interface
PICMG 1.0
Battery
Lithium battery
Power Requirement
ATX 2.1
Board Size
13.3” x 5” (339mm x 126mm)
Gross Weight
1.2 lb (0.5kg)
Operation Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Operation Humidity
5% ~ 90% relative humidity, non-condensing
Display
Chipset
Intel® B75
Graphic Engine
Integrated Intel® HD Graphics
Resolution
Up to 2048 x 1536 @ 75Hz for CRT
Output Interface
VGA x 1 on bracket
I/O
Winbond W83627DHG
Storage
SATA 6.0Gb/s x 1, SATA 3.0Gb/s x 2, CFast™ x 1 (Optional)
Serial Port
COM ports x 2
COM 1: RS-232 with Box header
COM 2: RS-232/422/485 with Box header
PS/2 Port
4x2 pin header x 1
USB
USB 3.0 x 4 (Internal 10 x 2 pin header x 2)
USB2.0 x 6 (onboard Dual TYPE-A Connector x 2, Internal 5 x 2-pin header x 2)
Parallel Port
LPT Port x 1
Digital I/O
8-bit programmable (4-in / 4-out)
Packing List
1701260307
Flat Cable, 9P/DB9P Male & 25P DB25P Female, 10P 2mm & 26P 2mm/IDC No Fold
1701100305
Flat Cable, 9P/DB9P Male, 10P/2.0mm Pitch/IDC No Fold, 30cm with Bracket
1709100201
USB Cable, 20cm, 2.0mm Pitch, with Bracket
1709070460
SATA Cable, 1.27mm Pitch, 46cm with Lock
1703030501
Wire, 3P 2.5mm Housing, 50cm
Product CD
FSB-B75G


Numéro de pièce similaire - FSB-B75G_15

FabricantNo de pièceFiches techniqueDescription
logo
AAEON Technology
FSB-B75G-A10-G2 AAEON-FSB-B75G-A10-G2 Datasheet
295Kb / 2P
   PICMG 1.0
More results

Description similaire - FSB-B75G_15

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
   PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_16 Datasheet
69Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
K610303E ADVANTECH-K610303E Datasheet
69Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
PCA-6106P4-0A2E ADVANTECH-PCA-6106P4-0A2E_V01 Datasheet
367Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
19-Aug-2015
PCA-6114P12-0B3E ADVANTECH-PCA-6114P12-0B3E_16 Datasheet
124Kb / 1P
   PICMG1.0 Full-Size SBC Backplanes
logo
Axiomtek Co., Ltd.
AX61120TP AXIOMTEK-AX61120TP_17 Datasheet
429Kb / 2P
   1U Rackmount Chassis for full-size SBC
AX61120TP AXIOMTEK-AX61120TP_16 Datasheet
431Kb / 2P
   1U Rackmount Chassis for full-size SBC
logo
AAEON Technology
SBC-860 AAEON-SBC-860 Datasheet
363Kb / 1P
   Intel Pentium 4 PICMG Full-size SBC
logo
Advantech Co., Ltd.
ACP-4340 ADVANTECH-ACP-4340 Datasheet
1Mb / 2P
   4U Rackmount Chassis for Full-size SHB/SBC
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com