Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRF100S201 Fiches technique(PDF) 9 Page - International Rectifier

No de pièce IRF100S201
Description  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF100S201 Fiches technique(HTML) 9 Page - International Rectifier

Back Button IRF100S201 Datasheet HTML 4Page - International Rectifier IRF100S201 Datasheet HTML 5Page - International Rectifier IRF100S201 Datasheet HTML 6Page - International Rectifier IRF100S201 Datasheet HTML 7Page - International Rectifier IRF100S201 Datasheet HTML 8Page - International Rectifier IRF100S201 Datasheet HTML 9Page - International Rectifier IRF100S201 Datasheet HTML 10Page - International Rectifier IRF100S201 Datasheet HTML 11Page - International Rectifier IRF100S201 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 
IRF100B201/IRF100S201
9
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 26, 2015
TO-220AB Package Outline (Dimensions are shown in millimeters (inches))
TO-220AB Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IN T E R N A T IO N A L
P A R T NUM B E R
R E C T IF IE R
LO T C O D E
AS S E M B L Y
LO G O
Y E A R 0 = 200 0
D A T E CO DE
W EEK 1 9
LIN E C
L O T CO DE 1 7 8 9
E X A M P L E : T H IS IS A N IR F 1 0 1 0
N o t e : "P " in a s s e m b ly lin e p o s it io n
in d ic a t es "L ea d - F r ee"
IN T H E A S SE M B L Y L IN E "C "
A S S E M B L E D O N W W 19 , 20 00
TO-220AB packages are not recommended for Surface Mount Application
.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12