Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRF100B201 Datasheet(Fiches technique) 1 Page - International Rectifier

Numéro de pièce IRF100B201
Description  Brushed Motor drive applications
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF100B201 Datasheet(HTML) 1 Page - International Rectifier

  IRF100B201 Datasheet HTML 1Page - International Rectifier IRF100B201 Datenblatt HTML 2Page - International Rectifier IRF100B201 Datenblatt HTML 3Page - International Rectifier IRF100B201 Datenblatt HTML 4Page - International Rectifier IRF100B201 Datenblatt HTML 5Page - International Rectifier IRF100B201 Datenblatt HTML 6Page - International Rectifier IRF100B201 Datenblatt HTML 7Page - International Rectifier IRF100B201 Datenblatt HTML 8Page - International Rectifier IRF100B201 Datenblatt HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HEXFET® Power MOSFET
D
S
G
Benefits
 Improved Gate, Avalanche and Dynamic dV/dt Ruggedness
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dV/dt and dI/dt Capability
 Lead-Free, RoHS Compliant, Halogen-Free
VDSS
100V
RDS(on) typ.
3.5m

max
4.2m

ID (Silicon Limited)
192A
 
TO-220AB
IRF100B201
S
D
G
G
D
S
Gate
Drain
Source
Base part number
Package Type
Standard Pack
Form
Quantity
IRF100B201
TO-220
Tube
50
IRF100B201
Orderable Part Number
IRF100S201
D2-Pak
Tape and Reel
800
IRF100S201
StrongIRFET™
IRF100B201
IRF100S201
Application
 Brushed Motor drive applications
 BLDC Motor drive applications
Battery powered circuits
 Half-bridge and full-bridge topologies
 Synchronous rectifier applications
 Resonant mode power supplies
 OR-ing and redundant power switches
 DC/DC and AC/DC converters
 DC/AC Inverters
Fig 2. Maximum Drain Current vs. Case Temperature
Fig 1. Typical On– Resistance vs. Gate Voltage
S
D
G
D2-Pak
IRF100S201
1
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 26, 2015
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
40
80
120
160
200
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
2
4
6
8
10
12
14
16
18
20
ID = 115A
TJ = 25°C
TJ = 125°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn