Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR2BE Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TCR2BE
Description  200 mA CMOS Low Drop-Out Regulator with Auto-discharge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2BE Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TCR2BE Datasheet HTML 1Page - Toshiba Semiconductor TCR2BE Datasheet HTML 2Page - Toshiba Semiconductor TCR2BE Datasheet HTML 3Page - Toshiba Semiconductor TCR2BE Datasheet HTML 4Page - Toshiba Semiconductor TCR2BE Datasheet HTML 5Page - Toshiba Semiconductor TCR2BE Datasheet HTML 6Page - Toshiba Semiconductor TCR2BE Datasheet HTML 7Page - Toshiba Semiconductor TCR2BE Datasheet HTML 8Page - Toshiba Semiconductor TCR2BE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TCR2BF series, TCR2BE series
2011-06-06
4
Electrical Characteristics
(
Unless otherwise specified,
VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VOUT ≦ 1.4 V
-30
+30
mV
Output voltage
VOUT
1.5V ≦ VOUT
-2
+2
%
Line regulation
Reg・line VOUT + 0.5 V
<= VIN <= 6 V,
IOUT = 1 mA
1
15
mV
Load regulation
Reg・load 1 mA <= IOUT <= 150 mA
10
30
mV
Quiescent current
IB
IOUT = 0 mA
40
75
μA
Stand-by current
IB (OFF) VCT = 0 V
0.1
1.0
μA
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
100
ppm/°C
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz, Ta = 25°C (Note 4)
50
μVrms
VOUT : 1.0V
1.55
6.0
VOUT : 1.05V to 1.1V
VOUT +
0.50 V
6.0
VOUT : 1.15V to 1.2V
1.58
6.0
VOUT : 1.25V
1.59
6.0
VOUT : 1.3V
1.63
6.0
VOUT : 1.4V
1.68
6.0
VOUT : 1.5V to 1.75V
VOUT
+0.25 V
6.0
VOUT : 1.8V to 2.4V
VOUT
+0.20 V
6.0
Input voltage
VIN
VOUT : 2.5V to 5.0V
VOUT
+0.15 V
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
70
dB
Control voltage (ON)
VCT (ON)
1.1
6.0
V
Control voltage (OFF)
VCT (OFF)
0
0.4
V
Note 4: The 2.8V output product.


Numéro de pièce similaire - TCR2BE

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Description similaire - TCR2BE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
   200 mA CMOS Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com