Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1504S Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KTA1504S
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1504S Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KTA1504S Datasheet HTML 1Page - KEC(Korea Electronics) KTA1504S Datasheet HTML 2Page - KEC(Korea Electronics) KTA1504S Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2007. 6. 13
3/3
KTA1504S
Revision No : 3
COLLECTOR-EMITTER VOLTAGE VCE (V)
-1
-0.1
SAFE OPERATING AREA
-1
-10
-100
-10
-100
-1000
*SINGLE NONREPETITIVE PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN TEMPERATURE
10mS*
1mS*
I
C MAX(PULSE)*
I
C MAX(CONTINUOUS)
DC OPERATION(Ta=25 C)


Numéro de pièce similaire - KTA1504S

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1504S KEC-KTA1504S Datasheet
89Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Guangdong Kexin Industr...
KTA1504S-Y KEXIN-KTA1504S-Y Datasheet
47Kb / 1P
   Epitaxial Planar PNP Transistor
KTA1504S KEXIN-KTA1504S_15 Datasheet
598Kb / 2P
   PNP Transistors
More results

Description similaire - KTA1504S

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com