Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1242D Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KTA1242D
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1242D Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KTA1242D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1242D Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 27
2/2
KTA1242D/L
Revision No : 4
I - V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0-2
0
-2
V
- I
CE(sat)
C
C
COLLECTOR CURRENT I
(A)
-0.01
-0.03
-2
0
-0.4
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
0
0.2
20
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-4
-6
-8
-10
-4
-6
-8
COMMON EMITTER
Tc=25 C
-150mA
I =-10mA
B
-100mA
-70mA
-50mA
-30mA
-20mA
-0.8
-1.2
-1.6
-2.0
-4
-6
-8
COMMON EMITTER
V =-2V
CE
Tc=-25 C
Tc=25 C
10
1k
-0.01
COLLECTOR CURRENT I (A)
C
C
FE
h
- I
-0.03
-0.1
-0.3
-1
-3
-10
30
50
100
300
500
COMMON EMITTER
V =-2V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
-0.03
-0.1
-0.3
-1
-3
-10
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =40
C
B
Tc=100
C
Tc=-25 C
Tc=25 C
40
60
80
100 120 140 160
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ta=25
C
-0.1
-0.3
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
-0.5
-1
-3
-5
-10
-30 -50
-0.3
-0.5
-1
-3
-5
-10
SINGLE PULSE Tc=25 C
PULSE WIDTH=10ms(MAX)
DUTY CYCLE=30%(MAX)
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I MAX.(PULSED)
I MAX.
(CONTINUOUS)
C
C
DC
OPERAT
ION
Tc=2
5 C
-20
10mS*
**
*
**
100mS*


Numéro de pièce similaire - KTA1242D

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1242D KEC-KTA1242D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (STROBO FLASH, HIGH CURRENT)
More results

Description similaire - KTA1242D

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com