Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA62724FMG Fiches technique(PDF) 9 Page - Comchip Technology

No de pièce TCA62724FMG
Description  3-Channel Constant-Current LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TCA62724FMG Fiches technique(HTML) 9 Page - Comchip Technology

Back Button TCA62724FMG_15 Datasheet HTML 5Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 6Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 7Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 8Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 9Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 10Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 11Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 12Page - Comchip Technology TCA62724FMG_15 Datasheet HTML 13Page - Comchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TCA62724FMG(O,S,EL
2010-06-24
9
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Ratings *1
Unit
Suppl y
vol t age
VIN
−0.3 ~ +6.0
V
Ou tput
vol t ag e
VOUT
−0.3 ~ +6.0
V
Input
volt age
(SDA/SCL/
SHDN / RESET Terminal)
Vin
−0.3 ~ VIN+0.3 *2
V
0.36 (free air)
Po w e r
dissip a tion
PD
0.79(on PCB) *3,4
W
340 (free air)
T herm a l
resistan c e
Rth (j-a)
158 (on PCB) *3
°C/W
Operatin g temperature
Topr
−40 ~ +85
°C
S t o r age
te mpe r a t u r e
Tstg
−55 ~ +150
°C
Maximum junction temperature
Tj
150
°C
Note1: Voltage is ground referenced.
Note2: Do not exceed 6.0V.
Note3: PCB condition 40 mm x 40 mm x 1.6 mm, Cu = 10 %
Note4: The power dissipation decreases the reciprocal of the saturated thermal resistance (1/ Rth(j-a)) for each
degree (1°C) that the ambient temperature is exceeded (Ta = 25°C).
Recommended Operating Condition
Characteristic
Symbol
Condition
Min
Typ.
Max
Unit
Suppl y
voltage
VIN
-
2.8
3.6
5.5
V
Constan t curren t ou tput
IOUT
OUT0 to OUT2
5
-
150
mA/ch
RE X T
r e sistance
REXT
-
3.7
-
109
kΩ
Electrical Characteristics (unless otherwise specified, Ta = 25°C, VIN = 3.6V)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage
VIN
-
2.8
3.6
5.5
V
Supply current (IC operation)
IIN (On)
REXT = 27.6 kΩ, VIN = 3.6 V
-
-
700
μA
Supply current (IC standby)
IIN (Off)
SHDN
= L
-
-
10
μA
High level
VIH
0.7VIN
-
VIN+0.15V
Input voltage
Low level
VIL
Measuring terminal is
SDA, SCL, SHDN , RESET
−0.15
-
0.3VIN
V
High level
IIH
−1.0
-
1.0
Input current
Low level
IIL
Measuring terminal is
SCL, SHDN , RESET
−1.0
-
1.0
μA
Gain
(I OU T /I RE X T )
GAIN
REXT=11kΩ
359
460
560
A/A
REXT te rminal volt ag e
VREXT
VIN=3.6V, REXT=11kΩ
1.09
1.17
1.25
V
Output leakage current
IOZ
SHDN
=“L”, VOUT=5.5V
-
-
0.1
μA
Const a nt
cu rren t
a ccu ra c y be t w een bi t s
dIOUT
VIN = 3.6 V, REXT = 11 kΩ
-
±1
±7.5
%
PWM
frequenc y
fPWM
-
-
3.0
-
kHz
Time from SHDN release to
st art
of
oper at i o n
tRE
-
-
-
5
ms


Numéro de pièce similaire - TCA62724FMG_15

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
392Kb / 14P
   Three-Channel Constant-Current LED Driver
logo
Toshiba Semiconductor
TCA62724FMG TOSHIBA-TCA62724FMG Datasheet
125Kb / 8P
   TOSHIBA CMOS INTEGRATED CIRCIUTS SILICON MONOLITHIC
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results

Description similaire - TCA62724FMG_15

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com