Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA4EX950L-1225 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce MA4EX950L-1225
Description  Low Cost Silicon Double Balanced HMIC Mixer, 700 - 1200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EX950L-1225 Fiches technique(HTML) 3 Page - Tyco Electronics

  MA4EX950L-1225 Datasheet HTML 1Page - Tyco Electronics MA4EX950L-1225 Datasheet HTML 2Page - Tyco Electronics MA4EX950L-1225 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-2
0
2
4
6
8
10
12
14
16
18
20
700
800
900
1000
1100
1200
FREQUENCY (MHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
700
800
900
1000
1100
1200
FREQUENCY ( MHz)
North America:
Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific:
Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe:
Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
Typical Performance Curves (Cont’d)
====
VSWR
RF = -10 dBm, LO = +5 dBm, IF = 60 MHz
IIP3 and 1 dB Compression Point
LO = +5 dBm, IF = 60 MHz
Low Cost Silicon Double Balanced HMIC™ Mixer, 700 - 1200 MHz
MA4EX950L-1225
Typical RF
Typical LO
Typical IF
IIP3 @ +7 dBm input
IIP3 @ +3 dBm input
P1dB @ +3 dBm input
P1dB @ +7 dBm input
3


Numéro de pièce similaire - MA4EX950L-1225

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MA4EX950L1-1225T MACOM-MA4EX950L1-1225T Datasheet
70Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1200 MHz
logo
M/A-COM Technology Solu...
MA4EX950L1-1225T MA-COM-MA4EX950L1-1225T Datasheet
65Kb / 4P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
More results

Description similaire - MA4EX950L-1225

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MA4EX950L1-1225T MACOM-MA4EX950L1-1225T Datasheet
70Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1200 MHz
logo
M/A-COM Technology Solu...
MA4EX950H-1225T MA-COM-MA4EX950H-1225T Datasheet
72Kb / 2P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MA4EX950H1-1225T MA-COM-MA4EX950H1-1225T Datasheet
81Kb / 3P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MA4EX950L1-1225T MA-COM-MA4EX950L1-1225T Datasheet
65Kb / 4P
   Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT Datasheet
106Kb / 4P
   Silicon Double Balanced HMIC Mixer 700-1400 MHz
logo
Tyco Electronics
MA4EX900L-MOT MACOM-MA4EX900L-MOT Datasheet
131Kb / 2P
   Silicon Double Balanced HMIC Mixer 700 - 1000 MHz
MA4EX900L-1226T MACOM-MA4EX900L-1226T Datasheet
117Kb / 4P
   Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T Datasheet
113Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T_1 Datasheet
145Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950H-1225 MACOM-MA4EX950H-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com