Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HH-127 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce HH-127
Description  Hybrid Junction 10 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

HH-127 Fiches technique(HTML) 2 Page - Tyco Electronics

  HH-127 Datasheet HTML 1Page - Tyco Electronics HH-127 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hybrid Junction
HH/HHS-110/HH-127
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Typical Performance


Numéro de pièce similaire - HH-127

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
HH-127 MACOM-HH-127 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-127 MA-COM-HH-127 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
Tyco Electronics
HH-127PIN MACOM-HH-127PIN Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-127PIN MA-COM-HH-127PIN Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
Tyco Electronics
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
More results

Description similaire - HH-127

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
Tyco Electronics
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
   Hybrid Junction 20 - 300 MHz
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HH-105 MACOM-HH-105_1 Datasheet
122Kb / 2P
   Hybrid Junction, 20 - 300 MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com