Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS220-8N Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CS220-8N
Description  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS220-8N Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CS220-8N Datasheet HTML 1Page - Central Semiconductor Corp CS220-8N Datasheet HTML 2Page - Central Semiconductor Corp CS220-8N Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CS220-8B
CS220-8D
CS220-8M
CS220-8N
SILICON CONTROLLED RECTIFIERS
8.0 AMP, 200 THRU 800 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS220-8B series
types are epoxy molded SCRs designed for sensing
circuit and control system applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CS220
SYMBOL
-8B
-8D
-8M
-8N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
8.0
A
Peak One Cycle Surge Current, t=10ms
ITSM
60
A
I2t Value for Fusing, t=10ms
I2t
18
A2s
Peak Gate Power Dissipation, tp=10μs
PGM
40
W
Average Gate Power Dissipation
PG(AV)
1.0
W
Peak Forward Gate Current, tp=10μs
IFGM
4.0
A
Peak Forward Gate Voltage, tp=10μs
VFGM
16
V
Peak Reverse Gate Voltage, tp=10μs
VRGM
5.0
V
Critical Rate of Rise of On-State Current
di/dt
50
A/μs
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM
10
μA
IDRM, IRRM Rated VDRM, VRRM, TC=125°C
2.0
mA
IGT
VD=12V, RL=10Ω
3.0
15
mA
IH
IT=100mA
7.3
20
mA
VGT
VD=12V, RL=10Ω
0.9
1.5
V
VTM
ITM=16A, tp=380μs
1.3
1.8
V
dv/dt
VD=⅔Rated VDRM, TC=125°C
200
V/μs
TO-220 CASE
R4 (24-October 2013)
www.centr a lsemi.com


Numéro de pièce similaire - CS220-8N

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CS220-8N CENTRAL-CS220-8N Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
More results

Description similaire - CS220-8N

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com