Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM-106 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce FM-106
Description  Broadband Frequency Doubler, 400 - 6000 MHz Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

FM-106 Fiches technique(HTML) 1 Page - Tyco Electronics

  FM-106 Datasheet HTML 1Page - Tyco Electronics FM-106 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Broadband Frequency Doubler,
400 - 6000 MHz Output
FP-2
V 3.00
Features
n
Hermetic Flatpack
n
Multioctave Operation
n
Conversion Loss: 11 dB Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW Max.
n
MIL-STD-202 Screening Available
Description
A transmission line balun transformer connects to Schottky
diodes arranged in a bridge configuration.
This design
allows balanced activation of all diodes, and yields
excellent conversion loss, and odd-order term suppression.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
Input
Output
200 - 3000
400 - 6000
MHz
MHz
Conversion Loss
200 - 400 MHz
400 - 2500 MHz
2500 - 3000 MHz
dB
dB
dB
14.5
13.0
15.5
Spurious (Referred to
Output F2 Level)
F1
F3
200 - 500 MHz
500 - 3000 MHz
600 - 2400 MHz
2400 - 9000 MHz
dB
dB
dB
dB
20
15
25
20
VSWR
Input
200 - 500 MHz
500 - 3000 MHz
Ratio
Ratio
<3.0:1
<2.0:1
Conversion Loss as
Quadrupler
dB
30
1. All specifications apply when operated at +13 dBm input power with 50 ohm source and load impedance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
5
GND
2
GND
6
GND
3
GND
7
GND
4
Input
8
Output


Numéro de pièce similaire - FM-106

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM-1000-50 ETC2-FM-1000-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
rfsolutions.ltd
FM-103C15-433NB RFSOLUTIONS-FM-103C15-433NB Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
FM-103C15-458NB RFSOLUTIONS-FM-103C15-458NB Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
FM-103C15433 RFSOLUTIONS-FM-103C15433 Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
FM-103C4-433 RFSOLUTIONS-FM-103C4-433 Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
More results

Description similaire - FM-106

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
   400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
   40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
   40-6000 MHz BroadBand AMP
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com