Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3300-1 Fiches technique(PDF) 46 Page - Linear Technology

No de pièce LTC3300-1
Description  High Efficiency Bidirectional Multicell Battery Balancer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3300-1 Fiches technique(HTML) 46 Page - Linear Technology

Back Button LTC3300-1_15 Datasheet HTML 38Page - Linear Technology LTC3300-1_15 Datasheet HTML 39Page - Linear Technology LTC3300-1_15 Datasheet HTML 40Page - Linear Technology LTC3300-1_15 Datasheet HTML 41Page - Linear Technology LTC3300-1_15 Datasheet HTML 42Page - Linear Technology LTC3300-1_15 Datasheet HTML 43Page - Linear Technology LTC3300-1_15 Datasheet HTML 44Page - Linear Technology LTC3300-1_15 Datasheet HTML 45Page - Linear Technology LTC3300-1_15 Datasheet HTML 46Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
LTC3300-1
46
33001fb
For more information www.linear.com/LTC3300-1
LINEAR TECHNOLOGY CORPORATION 2013
LT 1213 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 www.linear.com/LTC3300-1
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC6801
Independent Multicell Battery Stack Monitor
Monitors Up to 12 Series-Connected Battery Cells for Undervoltage or
Overvoltage, Companion to LTC6802, LTC6803 and LTC6804
LTC6802-1/LTC6802-2 Multicell Battery Stack Monitors
Measures Up to 12 Series-Connected Battery Cells, 1st Generation:
Superseded by the LTC6803 and LTC6804 for New Designs
LTC6803-1/LTC6803-3
LTC6803-2/LTC6803-4
Multicell Battery Stack Monitors
Measures Up to 12 Series-Connected Battery Cells, 2nd Generation:
Functionally Enhanced and Pin Compatible to the LTC6802
LTC6804-1/LTC6804-2 Multicell Battery Monitors
Measures Up to 12 Series-Connected Battery Cells, 3rd Generation:
Higher Precision Than LTC6803 and Built-In isoSPI Interface
LTC6820
isoSPI Isolated Communications Interface
Provides an Isolated Interface for SPI Communication Up to 100m Using a
Twisted Pair, Companion to the LTC6804
TYPICAL APPLICATIONS
ISO OUT
9 CELLS
12 CELLS
12-CELL
MODULE 2
ISO IN
GPIO5
GPIO4
GPIO3
SCKI
SDI
SDO
CSBI
LTC6804-1
DATA
LTC3300-1
LTC3300-1
3
ISO OUT
12-CELL
MODULE 1
ISO
33001 TA02
SPI
4
ISO IN
GPIO5
GPIO4
GPIO3
SCKI
SDI
SDO
CSBI
LTC6804-1
LTC6820
isoSPI
LTC3300-1
LTC3300-1
3
LTC3300-1/LTC6804-1 Serial Communication Connections


Numéro de pièce similaire - LTC3300-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
   High Effciency Bidirectional Multicell Battery Balancer
More results

Description similaire - LTC3300-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3300-2 LINER-LTC3300-2_15 Datasheet
473Kb / 42P
   Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-2 LINER-LTC3300-2 Datasheet
473Kb / 42P
   Addressable High Efficiency Bidirectional Multicell Battery Balancer
LTC3300-1 LINER-LTC3300-1 Datasheet
750Kb / 44P
   High Effciency Bidirectional Multicell Battery Balancer
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
   Multicell Battery Monitor
LTC6811-1 LINER-LTC6811-1 Datasheet
2Mb / 88P
   Multicell Battery Monitors
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
   Multicell Battery Monitor
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
LTC6804-1 LINER-LTC6804-1 Datasheet
934Kb / 72P
   Multicell Battery Monitors
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
   Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com