Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC2431 Fiches technique(PDF) 34 Page - Linear Technology

No de pièce LTC2431
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC2431 Fiches technique(HTML) 34 Page - Linear Technology

Back Button LTC2431_15 Datasheet HTML 30Page - Linear Technology LTC2431_15 Datasheet HTML 31Page - Linear Technology LTC2431_15 Datasheet HTML 32Page - Linear Technology LTC2431_15 Datasheet HTML 33Page - Linear Technology LTC2431_15 Datasheet HTML 34Page - Linear Technology LTC2431_15 Datasheet HTML 35Page - Linear Technology LTC2431_15 Datasheet HTML 36Page - Linear Technology LTC2431_15 Datasheet HTML 37Page - Linear Technology LTC2431_15 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
LTC2430/LTC2431
34
24301f
practice in earlier generations of load-cell interfaces, how-
ever the accuracy of the LTC2430/LTC2431 changes the
rationale. Achieving high gain accuracy and linearity at
higher gains may prove difficult, while providing little
benefit in terms of noise reduction.
At a gain of 100, the gain error that could result from
typical open-loop gain of 160dB is –1ppm, however,
worst-case is at the minimum gain of 116dB, giving a gain
error of –158ppm. Worst-case gain error at a gain of 34,
is –54ppm. The use of the LTC1051A reduces the worst-
case gain error to –33ppm. The advantage of gain higher
than 34, then becomes dubious, as the input referred
noise sees little improvement and gain accuracy is poten-
tially compromised.
Note that this 4-amplifier topology has advantages over
the typical integrated 3-amplifier instrumentation ampli-
fier in that it does not have the high noise level common in
the output stage that usually dominates when an instru-
mentation amplifier is used at low gain. If this amplifier is
used at a gain of 10, the gain error is only 10ppm and input
referred noise is reduced to 0.28
µVRMS. The buffer stages
can also be configured to provide gain of up to 50 with high
gain stability and linearity.
Figure 40 shows an example of a single amplifier used to
produce single-ended gain. This topology is best used in
applications where the gain setting resistor can be made
to match the temperature coefficient of the strain gauges.
If the bridge is composed of precision resistors, with only
one or two variable elements, the reference arm of the
bridge can be made to act in conjunction with the feedback
resistor to determine the gain. If the feedback resistor is
incorporated into the design of the load cell, using resis-
tors which match the temperature coefficient of the load-
cell elements, good results can be achieved without the
need for resistors with a high degree of absolute accuracy.
The common mode voltage in this case, is again a function
of the bridge output. Differential gain as used with a 350
bridge is:
A
RR
R
V ==
+
+Ω
995
12
1 175
.
Common mode gain is half the differential gain. The
maximum differential signal that can be used is 1/4 VREF,
as opposed to 1/2 VREF in the 2-amplifier topology above.
Remote Half Bridge Interface
As opposed to full bridge applications, typical half bridge
applications must contend with nonlinearity in the bridge
output, as signal swing is often much greater. Applications
include RTD’s, thermistors and other resistive elements
that undergo significant changes over their span. For
APPLICATIO S I FOR ATIO
0.1
µF
5V
REF+
REF
IN+
IN
GND
VCC
3
2
4
6
7
350
BRIDGE
2431 F40
+
LTC1050
5V
0.1
µV
R2
46.4k
20k
20k
175
1
µF
10
µF
R1
4.99k
AV = 9.95 =
R1 + R2
R1 + 175
+
+
1
µF
+
LTC2430/
LTC2431
Figure 40. Bridge Amplification Using a Single Amplifier


Numéro de pièce similaire - LTC2431_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC2431CMS LINER-LTC2431CMS Datasheet
460Kb / 40P
   20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
LTC2431IMS LINER-LTC2431IMS Datasheet
460Kb / 40P
   20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
More results

Description similaire - LTC2431_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430 Datasheet
460Kb / 40P
   20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com