Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC6802-1 Fiches technique(PDF) 13 Page - Linear Technology

No de pièce LTC6802-1
Description  Multicell Battery Stack Monitor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC6802-1 Fiches technique(HTML) 13 Page - Linear Technology

Back Button LTC6802-1_15 Datasheet HTML 9Page - Linear Technology LTC6802-1_15 Datasheet HTML 10Page - Linear Technology LTC6802-1_15 Datasheet HTML 11Page - Linear Technology LTC6802-1_15 Datasheet HTML 12Page - Linear Technology LTC6802-1_15 Datasheet HTML 13Page - Linear Technology LTC6802-1_15 Datasheet HTML 14Page - Linear Technology LTC6802-1_15 Datasheet HTML 15Page - Linear Technology LTC6802-1_15 Datasheet HTML 16Page - Linear Technology LTC6802-1_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC6802-1
13
68021fa
Figure 2. Open Connection
Figure 3 shows an open connection at the same point in
the cell stack as Figure 2, but this time there is an external
filter network still connected to C3. Depending on the value
of the capacitor remaining on C3, a normal measurement
of B3 and B4 may not give near-zero readings, since the
C3 pin is not truly open. In fact, with a large external ca-
pacitance on C3, the C3 voltage will be charged midway
between C2 and C4 after several cycles of measuring cells
B3 and B4. Thus the measurements for B3 and B4 may
indicate a valid cell voltage when in fact the exact state of
B3 and B4 is unknown.
To reliably detect an open connection, the command
STOWAD is provided. With this command, two 100μA
current sources are connected to the ADC inputs and
turned on during all cell conversions. Referring again to
Figure 3, with the STOWAD command, the C3 pin will be
pulled down by the 100μA current source during the B3
cell measurement AND during the B4 cell measurement.
This will tend to decrease the B3 measurement result and
increase the B4 measurement result relative to the normal
STCVAD command. The biggest change is observed in the
B4 measurement when C3 is open. So, the best method to
detect an open wire at input C3 is to look for an increase
in the measurement of the cell connected between inputs
C3 and C4 (cell B4).
Thus the following algorithm can be used to detect an
open connection to cell pin CN:
(1) Issue a STCVAD command (ADC convert without 100μA
current sources).
(2) Issue a RDCV command and store all cell measure-
ments into array CELLA(N).
(3) Issue a STOWAD command (ADC convert with 100μA
current sources).
(4) Issue a RDCV command and store all cell measure-
ments into array CELLB(N).
(5) For each value of N from 1 to 11:
If CELLB(N+1) – CELLA(N+1) ≥ +200mV, then CN is
open, otherwise it is not open.
The +200mV threshold is chosen to provide tolerance for
errors in the measurement with the 100μA current source
connected. Even without an open connection there is al-
ways some difference between a cell measured with and
without the 100μA current source because of the IR drop
across the finite resistance of the MUX switches. On the
other hand, with capacitors larger than 0.1μF remaining
on an otherwise open C pin, the 100μA current source
may not be enough to move the open C pin 200mV with
a single STOWAD command. If the STOWAD command
is repeated several times, the large external capacitor will
discharge enough to create a 200mV change in cell read-
ings. To detect an open connection with larger than 0.1μF
capacitance still on the pin, one must repeat step (3) above
a number of times before proceeding to step (4).
The algorithm above determines if the CN pin is open
based on measurements of the N+1 Cell. For example, in
a 12-cell system, the algorithm finds opens on pins C1
Figure 3. Open Connection with RC Filtering
OPERATION
MUX
C4
C3
C2
B4
B3
C1
V
100μA
68021 F02
LTC6802-1
MUX
C4
C3
CF4
CF3
C2
C1
V
100μA
B4
B3
68021 F03
LTC6802-1


Numéro de pièce similaire - LTC6802-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1_1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
More results

Description similaire - LTC6802-1_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2 Datasheet
405Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1 Datasheet
424Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-2 LINER-LTC6802-2 Datasheet
374Kb / 34P
   Multicell Addressable Battery Stack Monitor
LTC6802-2 LINER-LTC6802-2_15 Datasheet
378Kb / 34P
   Multicell Addressable Battery Stack Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com