Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37068FV-M Fiches technique(PDF) 4 Page - Rohm

No de pièce BD37068FV-M
Description  AEC-Q100 Qualified
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37068FV-M Fiches technique(HTML) 4 Page - Rohm

  BD37068FV-M Datasheet HTML 1Page - Rohm BD37068FV-M Datasheet HTML 2Page - Rohm BD37068FV-M Datasheet HTML 3Page - Rohm BD37068FV-M Datasheet HTML 4Page - Rohm BD37068FV-M Datasheet HTML 5Page - Rohm BD37068FV-M Datasheet HTML 6Page - Rohm BD37068FV-M Datasheet HTML 7Page - Rohm BD37068FV-M Datasheet HTML 8Page - Rohm BD37068FV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4/31
Datasheet
BD37068FV-M
TSZ02201-0C2C0E100130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
13.MAR.2014 Rev.001
www.rohm.com
TSZ22111
・15・001
Electrical Characteristic
(Unless specified particularly, Ta=25
, VCCL=8.5V, VCCH=17V, f=1kHz, Vin=1Vrms, Rg=600 , RL=10k ,
A input, Input gain 0dB, Gain Adjust +6dB, High-Voltage ON, LPF ON, Fader 0dB,
Input point=A1/A2, Monitor point=IG1/IG2)
Item
Symbol
Limit
Unit
Condition
Min
Typ
Max
Current upon no signal (VCCL)
IQ_VCCL
30
43
mA
No signal
Current upon no signal (VCCH)
IQ_VCCH
-
7
10
mA
No signal
Input impedance (A)
RIN_S
70
100
130
k
Input impedance (B, C, D, E, F)
RIN_D
175
250
325
k
Voltage gain
GV
-1.5
+0
+1.5
dB
Gv=20log(VOUT/VIN)
Channel balance
CB
-1.5
+0
+1.5
dB
CB = GV1-GV2
Total harmonic distortion
THD+N
0.003
0.05
%
VOUT=1Vrms
BW=400-30KHz
Output noise voltage
VNO1
3.1
8.0
µVrms Rg = 0
BW = IHF-A
Maximum input voltage
VIM
2.0
2.2
Vrms
VIM at THD+N(VOUT)=1%
BW=400-30KHz
Cross-talk between channels
CTC
-100
-90
dB
Rg = 0
CTC=20log(VOUT/VOUT´)
BW = IHF-A
Cross-talk between selectors
CTS
-100
-90
dB
Rg = 0
CTS=20log(VOUT/VOUT´)
BW = IHF-A
Common mode rejection ratio
(B, C, D, E, F)
CMRR
55
65
dB
XP1 and XN input
XP2 and XN input
CMRR=20log(VIN/VOUT)
BW = IHF-A, [X=B,C,D,E,F]
Minimum input gain
GIN MIN
-17
-15
-13
dB
Input gain -15dB
VIN=100mVrms
Gin=20log(VOUT/VIN)
Maximum input gain
GIN MAX
21
23
25
dB
Input gain 23dB
VIN=100mVrms
Gin=20log(VOUT/VIN)
Gain set error
GIN ERR
-2
+0
+2
dB
GAIN=-15 to +23dB
Output impedance
ROUT
-
50
VIN=100mVrms
Maximum output voltage
VOM
2.0
2.2
Vrms
THD+N=1%
BW=400-30KHz
(Unless specified particularly, Ta=25
, VCCL=8.5V, VCCH=17V, f=1kHz, Vin=0.9Vrms, Rg=600 , RL=10k ,
A input, Input gain 0dB, Gain Adjust +6dB, High-Voltage ON, LPF ON, Fader 0dB,
Input point=INF1/INF2/INR1/INR2/INC/INS, Monitor point=OUTF1/OUTF2/OUTR1/OUTR2/OUTC/OUTS)
Item
Symbol
Limit
Unit
Condition
Min
Typ
Max
output impedance
ROUT
-
50
VIN=100mVrms
Maximum output voltage
VOM
5.1
5.2
Vrms
VIN=1Vrms
THD+N=1%
BW=400-30KHz
Maximum output gain
GHout
6.3
8.3
10.3
dB
GHout=20log(VOUT/VIN)


Numéro de pièce similaire - BD37068FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37068FV-M ROHM-BD37068FV-M Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD37068FV-ME2 ROHM-BD37068FV-ME2 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
BD37068FV-M ROHM-BD37068FV-M_16 Datasheet
2Mb / 39P
   Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
More results

Description similaire - BD37068FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com