Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD16936EFV-M Fiches technique(PDF) 8 Page - Rohm

No de pièce BD16936EFV-M
Description  AEC-Q100 Qualified
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD16936EFV-M Fiches technique(HTML) 8 Page - Rohm

Back Button BD16936EFV-M Datasheet HTML 4Page - Rohm BD16936EFV-M Datasheet HTML 5Page - Rohm BD16936EFV-M Datasheet HTML 6Page - Rohm BD16936EFV-M Datasheet HTML 7Page - Rohm BD16936EFV-M Datasheet HTML 8Page - Rohm BD16936EFV-M Datasheet HTML 9Page - Rohm BD16936EFV-M Datasheet HTML 10Page - Rohm BD16936EFV-M Datasheet HTML 11Page - Rohm BD16936EFV-M Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/20
BD16936EFV-M
TSZ02201-0G1G0B300360-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jun.2015 Rev.002
Typical Performance Curves
(Unless otherwise specified, VVS1, VVS2, VVS3 = 8V to 36V, Ta = -40°C to +110°C)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
0.0
0.3
0.6
0.9
1.2
1.5
0.0
0.2
0.4
0.6
0.8
1.0
Output Current Io[A]
Figure 7. Output On Resistance vs Output Current
(Output ON Resistance High Side, VVS=12V)
Ta=25°C
Ta=-40°C
Ta=110°C
Figure 9. Output On Resistance vs Output Current
(Output ON Resistance Low Side, VVS=12V)
Ta=110°C
Ta=-40°C
Ta=25°C
Figure 10. Output On Resistance vs Output Current
(Output ON Resistance Low Side, Ta=25°C)
Figure 8. Output On Resistance vs Output Current
(Output ON Resistance High Side, Ta=25°C)
VVS =8V
VVS =36V
VVS =12V
VVS =12V
VVS =8V
VVS =36V
VCC = 5V
TEST1=TEST2=0V
VCC = 5V
TEST1=TEST2=0V
VCC = 5V
TEST1=TEST2=0V
VCC = 5V
TEST1=TEST2=0V


Numéro de pièce similaire - BD16936EFV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
BD16933EFV-E2 ROHM-BD16933EFV-E2 Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
More results

Description similaire - BD16936EFV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com